Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEB1J3R3S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUEB1J3R3S
Description  Aluminum Electrolytic Capacitor/EB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1J3R3S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUEB1J3R3S Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1J3R3S Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1J3R3S Datasheet HTML 3Page - Panasonic Semiconductor EEUEB1J3R3S Datasheet HTML 4Page - Panasonic Semiconductor EEUEB1J3R3S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
¾ EE82 ¾
Aluminum Electrolytic Capacitor/EB
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
(mm) (mm)
(mm)
(pcs)
(pcs)
(µF)
(mm)
(mm)
(mA )
(V)
160
200
350
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5mm, 7.5mm.
The taping dimentions are explained on p.188 of our Catalog. Please use it as a reference guide.
Endurance : 105°C 5000 h
tan d
(120Hz)
(+20°C)
Lead Space
n
Part No.
Specification
Dia. Length
Taping
Case size
Cap.
(±20%)
Lead
Dia.
Lead Length
W.V.
Straight
Leads
Ripple
current
(100kHz)
(+105ûC)
Taping
iB
Min.PackagingQ'ty
Straight
Standard Products
22
10
20
470
0.15
0.6
5.0
5.0
EEUEB2C220( )
200
500
33
10
20
470
0.15
0.6
5.0
5.0
EEUEB2C330( )
200
500
47
12.5 20
600
0.15
0.6
5.0
5.0
EEUEB2C470( )
200
500
68
12.5 25
750
0.15
0.6
5.0
5.0
EEUEB2C680( )
200
500
16
20
750
0.15
0.8
7.5
7.5
EEUEB2C680S( ) 100
250
100
16
25
1060
0.15
0.8
7.5
7.5
EEUEB2C101( )
100
250
18
20
1060
0.15
0.8
7.5
7.5
EEUEB2C101S( ) 100
250
150
16
31.5
1280
0.15
0.8
7.5
EEUEB2C151
100
18
25
1280
0.15
0.8
7.5
7.5
EEUEB2C151S( ) 100
250
220
16
31.5
1280
0.15
0.8
7.5
EEUEB2C221
100
18
25
1280
0.15
0.8
7.5
7.5
EEUEB2C221S( ) 100
250
330
18
31.5
1690
0.15
0.8
7.5
EEUEB2C331
50
22
10
20
470
0.15
0.6
5.0
5.0
EEUEB2D220( )
200
500
33
12.5 20
600
0.15
0.6
5.0
5.0
EEUEB2D330( )
200
500
47
12.5 20
600
0.15
0.6
5.0
5.0
EEUEB2D470( )
200
500
68
12.5 25
750
0.15
0.6
5.0
5.0
EEUEB2D680( )
200
500
16
20
750
0.15
0.8
7.5
7.5
EEUEB2D680S( ) 100
250
100
16
25
1060
0.15
0.8
7.5
7.5
EEUEB2D101( )
100
250
18
20
1060
0.15
0.8
7.5
7.5
EEUEB2D101S( ) 100
250
150
16
31.5
1280
0.15
0.8
7.5
EEUEB2D151
100
18
25
1280
0.15
0.8
7.5
7.5
EEUEB2D151S( ) 100
250
220
18
31.5
1690
0.15
0.8
7.5
EEUEB2D221
100
22
12.5 20
560
0.15
0.6
5.0
5.0
EEUEB2E220( )
200
500
33
12.5 20
560
0.15
0.6
5.0
5.0
EEUEB2E330( )
200
500
47
12.5 25
710
0.15
0.6
5.0
5.0
EEUEB2E470( )
200
500
16.0 20
710
0.15
0.8
7.5
7.5
EEUEB2E470S( ) 100
250
250
68
16
25
990
0.15
0.8
7.5
7.5
EEUEB2E680( )
100
250
18
20
990
0.15
0.8
7.5
7.5
EEUEB2E680S( ) 100
250
100
16
31.5
1200
0.15
0.8
7.5
EEUEB2E101
100
18
25
1200
0.15
0.8
7.5
7.5
EEUEB2E101S( ) 100
250
150
18
31.5
1470
0.15
0.8
7.5
EEUEB2E151
50
10
10
20
270
0.20
0.6
5.0
5.0
EEUEB2V100( )
200
500
22
12.5 20
350
0.20
0.6
5.0
5.0
EEUEB2V220( )
200
500
33
16
20
480
0.20
0.8
7.5
7.5
EEUEB2V330S( ) 100
250
47
16
25
640
0.20
0.8
7.5
7.5
EEUEB2V470( )
100
250
18
20
640
0.20
0.8
7.5
7.5
EEUEB2V470S( ) 100
250
68
16
31.5
780
0.20
0.8
7.5
EEUEB2V680
100
18
25
780
0.20
0.8
7.5
7.5
EEUEB2V680S( ) 100
250
100
18
31.5
970
0.20
0.8
7.5
EEUEB2V101
50
10
10
20
250
0.24
0.6
5.0
5.0
EEUEB2G100( )
200
500
400
22
12.5 25
410
0.24
0.6
5.0
5.0
EEUEB2G220( )
200
500
16
20
410
0.24
0.8
7.5
7.5
EEUEB2G220S( ) 100
250


Similar Part No. - EEUEB1J3R3S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1J3R3S PANASONIC-EEUEB1J3R3S Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1J3R3S PANASONIC-EEUEB1J3R3S Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1J3R3S PANASONIC-EEUEB1J3R3S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1J3R3S PANASONIC-EEUEB1J3R3S Datasheet
71Kb / 3P
   Aluminum Electrolytic Capacitors
EEUEB1J3R3SH PANASONIC-EEUEB1J3R3SH Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1J3R3S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com