Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUEB1J470 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEUEB1J470
Description  Aluminum Electrolytic Capacitor/EB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUEB1J470 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEUEB1J470 Datasheet HTML 1Page - Panasonic Semiconductor EEUEB1J470 Datasheet HTML 2Page - Panasonic Semiconductor EEUEB1J470 Datasheet HTML 3Page - Panasonic Semiconductor EEUEB1J470 Datasheet HTML 4Page - Panasonic Semiconductor EEUEB1J470 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
¾ EE79 ¾
Aluminum Electrolytic Capacitor/EB
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety consern arise regarding this product,please be sure to contact us immediately.
EB
A
Series:
Type :
Endurance:105°C 5000 to 10000 h
High Ripple High Frequency(
High Voltage)
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Duration : 5000 hours (f5´11 to 8´11.5), 7000hours (f5´15 to f6.3´15)
10000 hours (f8´15 to 12.5´25) Post test requirement at +20 °C
I < 0.01 CV or 3(µ A)
after 2 minutes application of rated working
voltage at +20°C(Whichever, greater)
n Dimensions in mm (not to scale)
5
6.3
8
10
12.5
16
18
2.0
2.5
3.5
5.0
5.0
7.5
7.5
60
120
1k
10k
100k
Frequency(Hz)
Capacitance
(µF)
0.47 to
10
22
to 470
1000
to 3300
0.85
1
1.20
1.25
1.30
0.75
1
1.40
1.55
1.65
I < 0.06 CV + 10(µ A)
application of rated working voltage at +20°C
after 2 minutes
n Frequency corection factor for ripple current
0.95
1
1.05
1.10
1.15
(160 to 450V.DC )
Duration : 5000hours
120
1k
10k to 30k 30k to100k
W.V.(V.DC)
0.50
0.80
0.90
1.00
0.55
0.85
0.90
1.00
160 to 250
350 to 450
(>6.3mmdia)
L i
L <16:L+1.0 max
fd±0.05
14min
3min
fD+0.5 max
f10<
fD+0.5 max
f8>
L >20:L+2.0 max
-40 to + 105°C
-25 to + 105°C
10 to 63 V .DC
160 to 450 V .DC
0.47 to 3300 µ F
10 to 330 µ F
±20 % (120Hz/+20°C)
Radial Lead Type
n Features
n Specifications
DC Leakage Current
tan d
Capacitance Tolerance
Endurance
After following life test with DC voltage and +105±2°C ripple current value applied (The sum of
DC and ripple peak voltage shall not exceed the rated working voltage), the capacitors shall
meet the limits specified bellow.
(10 to 63V.DC )
Capacitance change
tan d
DC leakage current
±30% of initial measured value
< 300 % of initial specified value
< initial specified value
Capacitance change
tan d
DC leakage current
±20% of initial measured value
< 200 % of initial specified value
< initial specified value
Shelf Life
After storage for 1000 hours at +105±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(10 to 63 V. DC )
Frequency(Hz)
(160 to 450 V. DC )
Vent
Sleeve
Please see the attached standard products list
Japan
Malaysia
China
Body Dia. fD
Lead Dia. fd
Lead space P
0.5
0.5
0.6
0.6
0.6
0.8
0.8
if 8 ´ 15:L+1.5max
Country of Origin


Similar Part No. - EEUEB1J470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUEB1J470 PANASONIC-EEUEB1J470 Datasheet
157Kb / 2P
   Radial Lead Type
EEUEB1J470 PANASONIC-EEUEB1J470 Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1J470 PANASONIC-EEUEB1J470 Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEUEB1J470 PANASONIC-EEUEB1J470 Datasheet
71Kb / 3P
   Aluminum Electrolytic Capacitors
EEUEB1J470B PANASONIC-EEUEB1J470B Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
More results

Similar Description - EEUEB1J470

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-EB1A222B PANASONIC-EEU-EB1A222B Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470H PANASONIC-EEU-EB1H470H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1E101H PANASONIC-EEU-EB1E101H Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H470SB PANASONIC-EEU-EB1H470SB Datasheet
101Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEU-EB1H100S PANASONIC-EEU-EB1H100S Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ EB
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2G100SM PANASONIC-EEV-EB2G100SM Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com