Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV100V Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LV100V
Description  Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LV100V Datasheet(HTML) 5 Page - Vishay Siliconix

  LV100V Datasheet HTML 1Page - Vishay Siliconix LV100V Datasheet HTML 2Page - Vishay Siliconix LV100V Datasheet HTML 3Page - Vishay Siliconix LV100V Datasheet HTML 4Page - Vishay Siliconix LV100V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.vishay.com
For technical questions contact: CDC@vishay.com
Document Number: 28511
28
Revision: 23-Feb-05
LV 100 V
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 100 V (DC) General Purpose
REEL AND TAPE DATA in millimeters
Reel with capacitors on tape.
28
±1.5
8.0
45 max.
51 max.
355.6
±2.0
Ammopack with capacitors on tape.
290
335
50


Similar Part No. - LV100V

ManufacturerPart #DatasheetDescription
logo
LEM
LV100 LEM-LV100 Datasheet
57Kb / 2P
   Voltage Transducer LV 100
LV100 LEM-LV100 Datasheet
56Kb / 2P
   Voltage Transducer
LV100-100 LEM-LV100-100 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-100
LV100-100 LEM-LV100-100 Datasheet
58Kb / 2P
   Voltage Transducer
LV100-1000 LEM-LV100-1000 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-1000
More results

Similar Description - LV100V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V Datasheet
134Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 28-Sep-06
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com