Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX574SD Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LCX574SD
Description  LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX574SD Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCX574SD Datasheet HTML 1Page - ON Semiconductor MC74LCX574SD Datasheet HTML 2Page - ON Semiconductor MC74LCX574SD Datasheet HTML 3Page - ON Semiconductor MC74LCX574SD Datasheet HTML 4Page - ON Semiconductor MC74LCX574SD Datasheet HTML 5Page - ON Semiconductor MC74LCX574SD Datasheet HTML 6Page - ON Semiconductor MC74LCX574SD Datasheet HTML 7Page - ON Semiconductor MC74LCX574SD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LCX574
LCX DATA
BR1339 — REV 3
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Value
Condition
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
DC Input Voltage
–0.5
≤ VI ≤ +7.0
V
VO
DC Output Voltage
–0.5
≤ VO ≤ +7.0
Output in 3–State
V
–0.5
≤ VO ≤ VCC + 0.5
Note 1.
V
IIK
DC Input Diode Current
–50
VI < GND
mA
IOK
DC Output Diode Current
–50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
–65 to +150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3–State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current, VCC = 3.0V – 3.6V
–24
mA
IOL
LOW Level Output Current, VCC = 3.0V – 3.6V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7V – 3.0V
–12
mA
IOL
LOW Level Output Current, VCC = 2.7V – 3.0V
12
mA
TA
Operating Free–Air Temperature
–40
+85
°C
∆t/∆V
Input Transition Rise or Fall Rate, VIN from 0.8V to 2.0V,
VCC = 3.0V
0
10
ns/V
DC ELECTRICAL CHARACTERISTICS
TA = –40°C to +85°C
Symbol
Characteristic
Condition
Min
Max
Unit
VIH
HIGH Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
2.0
V
VIL
LOW Level Input Voltage (Note 2.)
2.7V
≤ VCC ≤ 3.6V
0.8
V
VOH
HIGH Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOH = –100µA
VCC – 0.2
V
VCC = 2.7V; IOH = –12mA
2.2
VCC = 3.0V; IOH = –18mA
2.4
VCC = 3.0V; IOH = –24mA
2.2
VOL
LOW Level Output Voltage
2.7V
≤ VCC ≤ 3.6V; IOL = 100µA
0.2
V
VCC = 2.7V; IOL= 12mA
0.4
VCC = 3.0V; IOL = 16mA
0.4
VCC = 3.0V; IOL = 24mA
0.55
2. These values of VI are used to test DC electrical characteristics only.


Similar Part No. - MC74LCX574SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX574SD MOTOROLA-MC74LCX574SD Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results

Similar Description - MC74LCX574SD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Motorola, Inc
MC74LCX574 MOTOROLA-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
MC74LVQ574 MOTOROLA-MC74LVQ574 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374_14 Datasheet
96Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
September, 2014 ??Rev. 12
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com