Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX74 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LCX74
Description  LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX74 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LCX74 Datasheet HTML 1Page - ON Semiconductor MC74LCX74 Datasheet HTML 2Page - ON Semiconductor MC74LCX74 Datasheet HTML 3Page - ON Semiconductor MC74LCX74 Datasheet HTML 4Page - ON Semiconductor MC74LCX74 Datasheet HTML 5Page - ON Semiconductor MC74LCX74 Datasheet HTML 6Page - ON Semiconductor MC74LCX74 Datasheet HTML 7Page - ON Semiconductor MC74LCX74 Datasheet HTML 8Page - ON Semiconductor MC74LCX74 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74LCX74
MOTOROLA
LCX DATA
BR1339 — REV 3
6
WAVEFORM 4 – PULSE WIDTH
tR = tF = 2.5ns (or fast as required) from 10% to 90%;
Output requirements: VOL ≤ 0.8V, VOH ≥ 2.0V
2.7V
0V
2.7V
0V
1.5V
1.5V
Figure 1. AC Waveforms (continued)
tw
1.5V
1.5V
tw
CPn
SDn, CDn, CPn
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL = 50pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Figure 2. Test Circuit


Similar Part No. - MC74LCX74

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74 Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
logo
Motorola, Inc
MC74LCX74D MOTOROLA-MC74LCX74D Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX74D ONSEMI-MC74LCX74D Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX74DG ONSEMI-MC74LCX74DG Datasheet
86Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
More results

Similar Description - MC74LCX74

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX74 ONSEMI-MC74LCX74_12 Datasheet
134Kb / 8P
   Low-Voltage CMOS Dual D-Type Flip-Flop
July, 2012 ??Rev. 7
logo
Motorola, Inc
MC74LCX74 MOTOROLA-MC74LCX74 Datasheet
145Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
MC74LVQ74 MOTOROLA-MC74LVQ74 Datasheet
144Kb / 9P
   LOW-VOLTAGE CMOS DUAL D-TYPE FLIP-FLOP
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
[Old version datasheet]   CMOS DUAL D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD4013BMS RENESAS-CD4013BMS Datasheet
520Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Texas Instruments
CD4013BMG4 TI-CD4013BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D - Type Flip-Flop
logo
Intersil Corporation
CD4013BMS INTERSIL-CD4013BMS Datasheet
74Kb / 9P
   CMOS Dual ‘D’-Type Flip-Flop
December 1992
logo
Texas Instruments
CD4013B TI1-CD4013B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Dual D-type Flip Flop
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com