Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS128K32NV-35G1UMA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS128K32NV-35G1UMA
Description  128Kx32 3.3V SRAM MULTICHIP PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS128K32NV-35G1UMA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS128K32NV-35G1UMA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 7Page - List of Unclassifed Manufacturers WS128K32NV-35G1UMA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS128K32V-XXX
PACKAGE 400: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H1)
27.3 (1.075)
± 0.25 (0.010) SQ
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030)
± 0.13 (0.005)
4.34 (0.171)
MAX
3.81 (0.150)
± 0.13 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.42 (0.056)
± 0.13 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018)
± 0.05 (0.002) DIA
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WS128K32NV-35G1UMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32N-100G2UC WEDC-WS128K32N-100G2UC Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UCA WEDC-WS128K32N-100G2UCA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UI WEDC-WS128K32N-100G2UI Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UIA WEDC-WS128K32N-100G2UIA Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS128K32N-100G2UM WEDC-WS128K32N-100G2UM Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results

Similar Description - WS128K32NV-35G1UMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
Alliance Semiconductor ...
AS7C33128NTD32B ALSC-AS7C33128NTD32B Datasheet
435Kb / 18P
   3.3V 128Kx32/36 Pipelined SRAM with NTD
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
KM732V789 SAMSUNG-KM732V789 Datasheet
487Kb / 15P
   128Kx32 Synchronous SRAM
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F Datasheet
316Kb / 17P
   Rad Hard 16 MegaBit 3.3V SRAM MultiChip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com