Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH103A Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # MH103A
Description  High Dynamic Range UMTS-Band MMIC Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH103A Datasheet(HTML) 5 Page - WJ Communication. Inc.

  MH103A Datasheet HTML 1Page - WJ Communication. Inc. MH103A Datasheet HTML 2Page - WJ Communication. Inc. MH103A Datasheet HTML 3Page - WJ Communication. Inc. MH103A Datasheet HTML 4Page - WJ Communication. Inc. MH103A Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5 August 2005
The Communications Edge
TM
MH103A
High Dynamic Range UMTS-Band MMIC Mixer
Product Information
MH103A-G (Lead-Free Package) Mechanical Information
This package is lead-free/green/RoHS-compliant. The plating material on the leads is NiPdAu. It is compatible with both lead-free (maximum 260
°C reflow
temperature) and lead (maximum 245
°C reflow temperature) soldering processes.
Application Circuit (MH103A-PCB)
Notes:
1.
All other pins on mixer are grounded.
2.
Circuit board material: .014” FR-4, 4 layers, .062” total thickness
3.
Blocking capacitors are required on the ports (pins 2, 5, 7) if any dc signal is present.
Outline Drawing
Land Pattern / Mounting Configuration
Product Marking
The
component
will
be
marked
with
an
“MH103A-G”
designator
followed
by
an
alphanumeric lot code on the top surface of the
package.
Tape and reel specifications for this part are
located on the website in the “Application Notes”
section.
ESD / MSL Information
ESD Classification: Class 1B
Value:
Passes
500V to <1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Classification: Class III
Value:
Passes
500 V to <1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
MSL Rating:
Level 2 at +260
°C convection reflow
Standard:
JEDEC Standard J-STD-020B
Functional Pin Layout
Pin
Function
1
Ground
2
LO Port
3
Ground
4
Ground
5
IF Port
6
Ground
7
RF Port
8
Ground
RF
LO
PIN 2
PIN 7
IF
PIN 5


Similar Part No. - MH103A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH103A WJCI-MH103A Datasheet
194Kb / 4P
   High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A-G WJCI-MH103A-G Datasheet
194Kb / 4P
   High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A-PCB WJCI-MH103A-PCB Datasheet
194Kb / 4P
   High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
MH103A WJCI-MH103A_06 Datasheet
194Kb / 4P
   High Dynamic Range 1.9 - 2.7 GHz MMIC Mixer
More results

Similar Description - MH103A

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH204 WJCI-MH204 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
MH1A WJCI-MH1A Datasheet
191Kb / 5P
   High Dynamic Range PCS-Band MMIC Mixer
logo
List of Unclassifed Man...
MH202 ETC1-MH202 Datasheet
163Kb / 2P
   High Dynamic Range Cellular Band MMIC Mixer
MH102 ETC-MH102 Datasheet
162Kb / 4P
   High Dynamic Range MMIC Mixer
MH101 ETC-MH101 Datasheet
154Kb / 3P
   High Dynamic Range MMIC Mixer
logo
Marki Microwave
MT3H-0113HSM MARKIMICROWAVE-MT3H-0113HSM Datasheet
1Mb / 11P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113SCQG MARKIMICROWAVE-MT3-0113SCQG Datasheet
1Mb / 9P
   GaAs MMIC High Dynamic Range Mixer
MM1-1467L MARKIMICROWAVE-MM1-1467L Datasheet
1Mb / 15P
   GaAs MMIC High Dynamic Range Mixer
MT3H-0113L MARKIMICROWAVE-MT3H-0113L Datasheet
1Mb / 12P
   GaAs MMIC High Dynamic Range Mixer
MT3-0113HCQG MARKIMICROWAVE-MT3-0113HCQG Datasheet
1Mb / 10P
   GaAs MMIC High Dynamic Range Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com