Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR2901FD Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MAR2901FD
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAR2901FD Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MAR2901FD Datasheet HTML 5Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 6Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 7Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 8Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 9Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 10Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 11Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 12Page - Zarlink Semiconductor Inc MAR2901FD Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MA2901
9
OUTLINES AND PIN ASSIGNMENTS
Ref
Millimetres
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
5.715
-
-
0.225
A1
0.38
-
1.53
0.015
-
0.060
b
0.35
-
0.59
0.014
-
0.023
c
0.20
-
0.36
0.008
-
0.014
D
-
-
51.31
-
-
2.020
e
-
2.54 Typ.
-
-
0.100 Typ.
-
e1
-
15.24 Typ.
-
-
0.600 Typ.
-
H
4.71
-
5.38
0.185
-
0.212
Me
-
-
15.90
-
-
0.626
Z
-
-
1.27
-
-
0.050
W
-
-
1.53
-
-
0.060
XG405
1
A3
2
A2
3
A1
4
A0
5
I6
6
I8
7
I7
8
RAM3
9
RAM0
10
VDD
Top
View
11
F = 0
12
I0
13
I1
14
I2
15
CP
16
Q3
17
B0
18
B1
19
B2
20
B3
40 OE
39 Y3
38 Y2
37 Y1
36 Y0
35 P
34 OVR
33 Cn+4
32 G
31 F3
30 VSS
29 Cn
28 I4
27 I5
26 I3
25 D0
24 D1
23 D2
22 D3
21 Q0
D
W
A
e
b
Z
H
A 1
15°
M
E
C
e 1
Seating Plane
1
20
40
21
Figure 15: 40-Lead Ceramic DIL (Solder Seal) - Package Style C


Similar Part No. - MAR2901FD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAR2909CB ETC1-MAR2909CB Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CC ETC1-MAR2909CC Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CD ETC1-MAR2909CD Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CE ETC1-MAR2909CE Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CL ETC1-MAR2909CL Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
More results

Similar Description - MAR2901FD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Advanced Micro Devices
AM2901B AMD-AM2901B Datasheet
1Mb / 18P
   FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
logo
InnovASIC, Inc
IA59032 INNOVASIC-IA59032_08 Datasheet
415Kb / 19P
   32-Bit High-Speed Microprocessor Slice
IA59032 INNOVASIC-IA59032 Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com