Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-B01G-KL200 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # 5082-B01G-KL200
Description  18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-B01G-KL200 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  5082-B01G-KL200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-B01G-KL200 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Electrical/Optical Characteristics at TA = 25˚C
Device Series
HDSP-
Parameter
Symbol
Min. Typ.
Max.
Units Test Conditions
Luminous Intensity/Segment
IV
2000 3200
µcd
IF = 10 mA
(Digit Average)
3200 4500
All Devices
Forward Voltage/Segment or DP VF
1.80
2.20
2.60
V
IF = 20 mA
Peak Wavelength
λPEAK
568
nm
IF = 20 mA
Dominant Wavelength
λd
573
nm
IF = 20 mA
Luminous Intensity
IV-M
2:1
IF = 10 mA
Matching Ratio
Reverse Current
IR
100
µAVR = 5 V
Notes:
1. Typical specification for reference only. Do not exceed absolute maximum ratings.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device.
Absolute Maximum Ratings
Description
Green
Units
Average Power per Segment or DP
65
mW
Peak Forward Current per Segment or DP
100
mA
DC Forward Current per Segment or DP
25
mA
Operating Temperature Range
–40 to +105
˚C
Storage Temperature Range
–40 to +105
˚C
Reverse Voltage per Segment or DP
5
V
Wavesoldering Temperature for 3 seconds 2 mm below body
250
˚C
Note:
1. Derate above 40˚C at 0.33 mA/˚C for green.
B01G, B02G, B03G, B04G
B05G, B06G, B07G, B08G,
B09G, B10G
Intensity Bin Limits (
µcd at 10 mA)
Device Series HDSP-
B01G, B02G, B03G, B04G
B05G, B06G, B07G, B08G, B09G, B10G
Bin Name
Min.[1]
Max.[1]
Min.[1]
Max.[1]
K
2000
3200
NA
NA
L
3200
5050
3200
5050
M
NA
NA
5050
8000
Note:
1. Tolerance for each bin limit is
±10%.
Color Categories (Tolerance
± 1 nm)
Rank
Symbol
Hue Range
Unit
2
2
573.5–576.5
nm
3
3
570.5–573.5
nm


Similar Part No. - 5082-B01G-KL200

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0001 ASI-5082-0001 Datasheet
17Kb / 1P
   SILICON PIN DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
   PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results

Similar Description - 5082-B01G-KL200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Broadcom Corporation.
HDSP-B0XG BOARDCOM-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XG AVAGO-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B04E HP-HDSP-B04E Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XE AVAGO-HDSP-B0XE Datasheet
189Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
HDSP-B42G AVAGO-HDSP-B42G Datasheet
176Kb / 4P
   18:88 0.56" Four Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-B42G HP-HDSP-B42G Datasheet
347Kb / 4P
   18:88 0.56 Four Digit Seven Segment Displays
logo
BetLux Electronics
BL-Q56A-42 BETLUX-BL-Q56A-42 Datasheet
322Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-43 BETLUX-BL-Q56A-43 Datasheet
324Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-45 BETLUX-BL-Q56A-45 Datasheet
342Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com