Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS2901CE Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MAS2901CE
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAS2901CE Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MAS2901CE Datasheet HTML 5Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 6Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 7Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 8Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 9Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 10Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 11Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 12Page - Zarlink Semiconductor Inc MAS2901CE Datasheet HTML 13Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MA2901
8
AC ELECTRICAL CHARACTERISTICS
Read-Modify-Write Cycle (from selection of A,B registers to end of a cycle
40ns
Maximum Clock Frequency to shift Q(50% duty cycle, I = 432 or 632)
25MHz
Minimum Clock LOW time
20ns
Minimum Clock HIGH time
20ns
Minimum Clock Period
40ns
Note: 1. These timings are applied during functional tests and are not routinely measured.
Figure 12: Cycle Time and Clock Characteristics
To Output
From Input
Y
F3
Cn + 4
G,P
F = 0
OVR
RAM 0
RAM 3
Q 0
Q 3
A,B Address
65
55
60
55
70
65
65
-
D
55
40
50
50
65
55
55
-
Cn
60
40
35
-
55
35
50
-
I0,1,2
70
50
55
55
70
55
65
-
I3,4,5
60
45
50
45
65
50
65
-
I6,7,8
45
-
-
-
-
-
30
30
A Bypass ALU(I=2xx)
45
-
-
-
-
-
-
-
Clock
55
50
55
50
50
55
55
35
Note: All timings in ns
Figure 13: Combinational Propagation Delays
Input
CP:
Set-up Time
Before H
L
Hold Time
After H
L
Set-up Time
Before L
H
Hold Time
After L
H
A,B Source Address
25
5
30
-
B Destination Address
25
No change
No change
5
D
-
-
40
0
Cn
-
-
40
0
I0,1,2
-
-
45
0
I3,4,5
-
-
45
0
I6,7,8
10
No change
No change
10
RAM0,3,Q0,3
-
-
15
10
MIL-STD-883, method 5005, subgroups 9, 10, 11
Note:
1. VDD = 5V±10%, over full operational temperature range
2. CL = 5
0 pF
Figure 14: Set-up and Hold Times Relative to Clock (CP) Input


Similar Part No. - MAS2901CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS2909CB ETC1-MAS2909CB Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAS2909CC ETC1-MAS2909CC Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAS2909CD ETC1-MAS2909CD Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAS2909CE ETC1-MAS2909CE Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAS2909CL ETC1-MAS2909CL Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
More results

Similar Description - MAS2901CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Advanced Micro Devices
AM2901B AMD-AM2901B Datasheet
1Mb / 18P
   FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
logo
InnovASIC, Inc
IA59032 INNOVASIC-IA59032_08 Datasheet
415Kb / 19P
   32-Bit High-Speed Microprocessor Slice
IA59032 INNOVASIC-IA59032 Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com