Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6037CAUK33 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6037CAUK33
Description  Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6037CAUK33 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6037CAUK33 Datasheet HTML 1Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 2Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 3Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 4Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 5Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 6Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 7Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 8Page - Maxim Integrated Products MAX6037CAUK33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX6037 family of low-dropout, micropower volt-
age references offer fixed and adjustable output volt-
age options ranging from 1.184V to 5V. Connect an
external resistive-divider on the MAX6037_ADJ to
adjust the output voltage from 1.184V to 5V. The other
devices in the MAX6037 family feature fixed output volt-
ages of 1.25V, 2.048V, 2.5V, 3.0V, 3.3V, and 4.096V.
The MAX6037 offers shutdown functionality with an
active-low shutdown (500nA, max).
These series-mode voltage references operate from a
2.5V to 5.5V supply and consume 275µA (max) quies-
cent current. The output is stable driving loads from
0.02µF to 1µF and can source and sink 5mA of load
current. The MAX6037 offers a low temperature coeffi-
cient of 25ppm/°C and initial accuracy of ±0.2% (max).
The low dropout voltage (100mV, max at 1mA) and
supply-independent, low supply current make the
MAX6037 ideal for battery-powered applications.
The MAX6037 is available in the miniature 5-pin SOT23
package and is specified over the -40°C to +125°C
automotive temperature range.
Applications
Medical Equipment
Portable Equipment
Wireless LAN
Precision Regulators
Features
♦ Adjustable VOUT: 1.184V to 5V
♦ Fixed Outputs: 1.25V, 2.048V, 2.5V, 3.0V, 3.3V,
and 4.096V
♦ Shutdown Current <500nA (max)
♦ 25ppm/°C (max) Temperature Coefficient (A Grade)
♦ ±0.2% (max) Initial Accuracy (A Grade)
♦ Low 100mV (max) Dropout Voltage at 1mA Load
Current
♦ 2.5V to 5.5V Input Voltage Range
♦ 5mA Sink and Source Current Capability
♦ Available in 5-Pin SOT23 Package
♦ Operates Over the Automotive Temperature
Range: -40°C to +125°C
Low-Power, Fixed and Adjustable Reference
with Shutdown in SOT23
________________________________________________________________ Maxim Integrated Products
1
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6037AAUK12-T
-40
°C to +125°C5 SOT23-5
AEIV
MAX6037BAUK12-T
-40
°C to +125°C5 SOT23-5 AEIW
MAX6037CAUK12-T
-40
°C to +125°C5 SOT23-5
AEIX
Ordering Information
PART
OUTPUT
VOLTAGE (V)
MAX
TEMPCO
(ppm/
°C)
INITIAL
ACCURACY
(%, max)
MAX6037AAUK12
1.25
25
0.2
MAX6037BAUK12
1.25
50
0.3
MAX6037CAUK12
1.25
50
0.5
MAX6037AAUK21
2.048
25
0.2
MAX6037BAUK21
2.048
50
0.3
MAX6037CAUK21
2.048
50
0.5
MAX6037AAUK25
2.5
25
0.2
MAX6037BAUK25
2.5
50
0.3
MAX6037CAUK25
2.5
50
0.5
MAX6037AAUK30
3.0
25
0.2
MAX6037BAUK30
3.0
50
0.3
MAX6037CAUK30
3.0
50
0.5
MAX6037AAUK33
3.3
25
0.2
MAX6037BAUK33
3.3
50
0.3
MAX6037CAUK33
3.3
50
0.5
MAX6037AAUK41
4.096
25
0.2
MAX6037BAUK41
4.096
50
0.3
MAX6037CAUK41
4.096
50
0.5
MAX6037AAUKADJ* 1.184 to 5, adj
25
0.2
MAX6037BAUKADJ* 1.184 to 5, adj
50
0.3
MAX6037CAUKADJ* 1.184 to 5, adj
50
0.5
Selector Guide
19-3192; Rev 0; 2/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued at end of data sheet.
Typical Operating Circuit
OUT
* OPTIONAL
*
IN
2.5V TO 5.5V INPUT
GND
SHDN
REFERENCE
OUTPUT
0.02µF
TO 1µF
MAX6037
Pin Configuration appears at end of data sheet.
*The accuracy of the MAX6037_ADJ is dependent on the
accuracy of the external resistors. Use 1% resistors with low
temperature coefficient for best overall accuracy.


Similar Part No. - MAX6037CAUK33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037CAUK12+T MAXIM-MAX6037CAUK12+T Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
MAX6037CAUK21+T MAXIM-MAX6037CAUK21+T Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
More results

Similar Description - MAX6037CAUK33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037 MAXIM-MAX6037_07 Datasheet
434Kb / 18P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 1; 12/07
logo
California Micro Device...
CMV7106 CALMIRCO-CMV7106 Datasheet
146Kb / 9P
   CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
TelCom Semiconductor, I...
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
logo
California Micro Device...
CMC7106 CALMIRCO-CMC7106 Datasheet
958Kb / 11P
   CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
logo
Microchip Technology
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
   Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com