Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAR2901CB Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MAR2901CB
Description  RADIATION HARD 4-BIT MICROPROCESSOR SLICE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MAR2901CB Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MAR2901CB Datasheet HTML 4Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 5Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 6Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 7Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 8Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 9Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 10Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 11Page - Zarlink Semiconductor Inc MAR2901CB Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MA2901
7
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-20
+20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Figure 9: Absolute Maximum Ratings
Total dose radiation not
exceeding 3x105 Rad(Si)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply Voltage
-
4.5
5.0
5.5
V
VIH
Input High Voltage
-
2.4
-
-
V
VIL
Input Low Voltage
-
-
-
0.8
V
VOH
Output High Voltage
IOH = -6mA
2.4
-
-
V
VOL
Output Low Voltage
IOL = 10mA
-
-
0.4
V
IIN
Input Leakage Current (Note 1)
VDD = 5.5V,
-
-
±10
µA
VIN = VSS or VDD
IOZ
Output Leakage Current (Note 1)
VDD = 5.5V,
-
-
±50
µA
VIN = VSS or VDD
IDD
Power Supply Current
Static, VDD = 5.5V
-
0.1
10
mA
VDD = 5V±10%, over full operating temperature range.
Mil-Std-883, method 5005, subgroups 1, 2, 3
Notes: 1. Guaranteed but not measured at -55°C
Figure 11: Operating Electrical Characteristics
Subgroup
Definition
1
Static characteristics specified in Figure 11 at +25°C
2
Static characteristics specified in Figure 11 at +125°C
3
Static characteristics specified in Figure 11 at -55°C
7
Functional characteristics at +25°C
8A
Functional characteristics at +125°C
8B
Functional characteristics at -55°C
9
Switching characteristics specified in Figures 12, 13 and 14 at +25°C
10
Switching characteristics specified in Figures 12, 13 and 14 at +125°C
11
Switching characteristics specified in Figures 12, 13 and 14 at -55°C
Figure 10: Definition of Subgroups


Similar Part No. - MAR2901CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAR2909CB ETC1-MAR2909CB Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CC ETC1-MAR2909CC Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CD ETC1-MAR2909CD Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CE ETC1-MAR2909CE Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
MAR2909CL ETC1-MAR2909CL Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
More results

Similar Description - MAR2901CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Advanced Micro Devices
AM2901B AMD-AM2901B Datasheet
1Mb / 18P
   FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
logo
InnovASIC, Inc
IA59032 INNOVASIC-IA59032_08 Datasheet
415Kb / 19P
   32-Bit High-Speed Microprocessor Slice
IA59032 INNOVASIC-IA59032 Datasheet
71Kb / 17P
   32-Bit High Speed Microprocessor Slice
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
MA9264 DYNEX-MA9264 Datasheet
240Kb / 15P
   Radiation Hard 8192x8 Bit Static RAM
MA5114 DYNEX-MA5114 Datasheet
115Kb / 12P
   Radiation hard 1024x4 Bit Static RAM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH_02 Datasheet
908Kb / 16P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com