Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX00 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX00
Description  LOW-VOLTAGE CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX00 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX00 Datasheet HTML 1Page - ON Semiconductor MC74LVX00 Datasheet HTML 2Page - ON Semiconductor MC74LVX00 Datasheet HTML 3Page - ON Semiconductor MC74LVX00 Datasheet HTML 4Page - ON Semiconductor MC74LVX00 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74LVX00
MOTOROLA
LCX DATA
BR1339 — REV 3
4
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A
–B
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F
M SUFFIX
PLASTIC SOIC EIAJ PACKAGE
CASE 965–01
ISSUE O
Z
D
HE
E
1
14
8
7
b
A1
A
e
L
DIM
MIN
MAX
MIN
MAX
INCHES
---
2.05
---
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
---
1.42
---
0.056
A1
A
b
c
D
E
e
L
M
Z
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
c
M _
VIEW P
DETAIL P
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5 THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
0.13 (0.005) M
0.10 (0.004)


Similar Part No. - MC74LVX00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX00 MOTOROLA-MC74LVX00 Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX00 ONSEMI-MC74LVX00 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX00 ONSEMI-MC74LVX00 Datasheet
111Kb / 5P
   Quad 2-Input NAND Gate
August, 2014 ??Rev. 5
logo
Motorola, Inc
MC74LVX00D MOTOROLA-MC74LVX00D Datasheet
134Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX00DR2 ONSEMI-MC74LVX00DR2 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
More results

Similar Description - MC74LVX00

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX14 ONSEMI-MC74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com