Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9V2540S3ST Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ISL9V2540S3ST
Description  EcoSPARK N-Channel Ignition IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V2540S3ST Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ISL9V2540S3ST Datasheet HTML 1Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 2Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 3Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 4Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 5Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 6Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 7Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 8Page - Fairchild Semiconductor ISL9V2540S3ST Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
ISL9V2540S3S Rev A.
www.fairchildsemi.com
Typical Performance Curves (Continued)
Figure 7. Collector to Emitter On-State Voltage vs
Collector Current
Figure 8. Transfer Characteristics
Figure 9. DC Collector Current vs Case
Temperature
Figure 10. Threshold Voltage vs Junction
Temperature
Figure 11. Leakage Current vs Junction
Temperature
Figure 12. Switching Time vs Junction
Temperature
0
5
10
15
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TJ = 175°C
VGE = 4.0V
VGE = 3.5V
VGE = 4.5V
VGE = 5.0V
VGE = 10.0V
VGE = 3.0V
0
5
10
15
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGE, GATE TO EMITTER VOLTAGE (V)
PULSE DURATION = 250µs
DUTY CYCLE < 0.5%, VCE = 5V
TJ = 175°C
TJ = 25°C
TJ = -40°C
0
2
4
6
8
10
12
14
16
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (°C)
VGE = 4.0V
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
175
VCE = VGE
TJ JUNCTION TEMPERATURE (°C)
ICE = 1mA
0.1
1
10
100
1000
10000
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
VCES = 250V
VECS = 24V
VCES = 300V
2
3
4
5
6
7
8
9
10
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (°C)
ICE = 6.5A, VGE = 5V, RG = 1KΩ
Resistive tOFF
Inductive tOFF
Resistive tON


Similar Part No. - ISL9V2540S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
More results

Similar Description - ISL9V2540S3ST

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V5045S3S FAIRCHILD-ISL9V5045S3S Datasheet
229Kb / 9P
   EcoSPARK N-Channel Ignition IGBT
ISL9V5045S3ST_F085 FAIRCHILD-ISL9V5045S3ST_F085 Datasheet
251Kb / 7P
   ISL9V5045S3ST_F085 EcoSPARK N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
logo
ON Semiconductor
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Fairchild Semiconductor
ISL9V5036S3ST FAIRCHILD-ISL9V5036S3ST Datasheet
174Kb / 8P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036P3 FAIRCHILD-ISL9V5036P3_11 Datasheet
354Kb / 7P
   EcoSPARK 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
ISL9V5045S3ST-F085C ONSEMI-ISL9V5045S3ST-F085C Datasheet
1Mb / 8P
   ECOSPARK Ignition IGBT 500 mJ, 450 V, N-Channel Ignition IGBT
May, 2022 - Rev. 1
ISL9V3040D3STV ONSEMI-ISL9V3040D3STV Datasheet
718Kb / 8P
   ECOSPARK Ignition IGBT 300 mJ, 400 V, N-Channel Ignition IGBT
May, 2019 - Rev. 0
FGD3245G2-F085V ONSEMI-FGD3245G2-F085V Datasheet
2Mb / 8P
   EcoSPARK 2 Ignition IGBT 320 mJ, 450 V, N-Channel Ignition IGBT
April, 2019 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com