Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16PF06L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STB16PF06L
Description  P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16PF06L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STB16PF06L Datasheet HTML 2Page - STMicroelectronics STB16PF06L Datasheet HTML 3Page - STMicroelectronics STB16PF06L Datasheet HTML 4Page - STMicroelectronics STB16PF06L Datasheet HTML 5Page - STMicroelectronics STB16PF06L Datasheet HTML 6Page - STMicroelectronics STB16PF06L Datasheet HTML 7Page - STMicroelectronics STB16PF06L Datasheet HTML 8Page - STMicroelectronics STB16PF06L Datasheet HTML 9Page - STMicroelectronics STB16PF06L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
STB16PF06L
Table 8: Revision History
Date
Revision
Description of Changes
13/Sep/2004
1
First Release.


Similar Part No. - STB16PF06L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STB16PF06LT4 VBSEMI-STB16PF06LT4 Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STB16PF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
   N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
312Kb / 9P
   N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET??POWER MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB20NE06 STMICROELECTRONICS-STB20NE06 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.06ohm - 20A D2PAK STripFET] POWER MOSFET
June 1999
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
   N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET??POWER MOSFET
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
   N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET??POWER MOSFET
STB60NE06L-16 STMICROELECTRONICS-STB60NE06L-16 Datasheet
85Kb / 8P
   N - CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET
STB30NE06L STMICROELECTRONICS-STB30NE06L Datasheet
47Kb / 6P
   N - CHANNEL 60V - 0.35ohm - 30A - D2PAK STripFET] POWER MOSFET
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
   N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com