Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11AA3SR2VM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # H11AA3SR2VM
Description  AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA3SR2VM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  H11AA3SR2VM Datasheet HTML 1Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 2Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 3Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 4Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 5Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 6Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 7Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 8Page - Fairchild Semiconductor H11AA3SR2VM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1/9/04
Page 4 of 9
© 2004 Fairchild Semiconductor Corporation
AC INPUT/PHOTOTRANSISTOR
OPTOCOUPLERS
H11AA1-M
H11AA2-M
H11AA3-M
H11AA4-M
Fig. 2 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
Fig. 3 Normalized CTR vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
Fig. 5 CTR vs. RBE (Saturated)
RBE- BASE RESISTANCE (k Ω)
Fig. 4 CTR vs. RBE (Unsaturated)
RBE - BASE RESISTANCE (kΩ)
Fig. 6 Collector-Emitter Saturation Voltage vs Collector Current
IC - COLLECTOR CURRENT (mA)
Fig. 1 Input Voltage vs. Input Current
V
F - INPUT VOLTAGE (V)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
T
A
= 25°C
IF = 2.5mA
IF = 20mA
IF = 10mA
IF = 5mA
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-100
-80
-60
-40
-20
0
20
40
60
80
100
TA = 25°C
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
CE
= 5V
TA = 25°C
IF = 10mA
IF = 5mA
IF = 20mA
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
CE
= 0.3V
TA = 25°C
IF = 10mA
IF = 5mA
IF = 20mA
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF = 10mA
VCE = 5V
Normalized to IF = 10mA, TA = 25°C
IF = 5mA
IF = 20mA
05
10
15
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TA = 25°C
VCE = 5V
Normalized to IF = 10mA


Similar Part No. - H11AA3SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA3S FAIRCHILD-H11AA3S Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11AA3S(TA)-V EVERLIGHT-H11AA3S(TA)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S(TB)-V EVERLIGHT-H11AA3S(TB)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S1(TA)-V EVERLIGHT-H11AA3S1(TA)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
H11AA3S1(TB)-V EVERLIGHT-H11AA3S1(TB)-V Datasheet
411Kb / 12P
   AC INPUT PHOTOCOUPLER
More results

Similar Description - H11AA3SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA4M FAIRCHILD-H11AA4M Datasheet
261Kb / 10P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com