Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY9V1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ZMY9V1
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY9V1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ZMY9V1 Datasheet HTML 1Page - Vishay Siliconix ZMY9V1 Datasheet HTML 2Page - Vishay Siliconix ZMY9V1 Datasheet HTML 3Page - Vishay Siliconix ZMY9V1 Datasheet HTML 4Page - Vishay Siliconix ZMY9V1 Datasheet HTML 5Page - Vishay Siliconix ZMY9V1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZMY3V9 to ZMY110
Document Number 85788
Rev. 1.5, 12-Jan-05
Vishay Semiconductors
www.vishay.com
1
18315
Zener Diodes
Features
• Silicon Planar Power Zener Diodes.
• For use in stablilizing and clipping circuits with
high power rating.
• The Zener voltages are graded according to the
international E 24 standard. Smaller voltage toler-
ances are available upon request.
• These diodes are also available in the DO-41 case
with the type designation ZPY1 ... ZPY100.
Mechanical Data
Case: MELF Glass case
Weight: approx. 135 mg
Packaging Codes/Options:
GS18/ 5 k per 13 " reel (12 mm tape), 10 k/box
GS08/ 1.5 k per 7 " reel (12 mm tape), 12 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Parameter
Test condition
Symbol
Value
Unit
Zener current (see Table
"Characteristics")
Power dissipation
Ptot
1.0 1)
W
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient (max.)
RthJA
170 1)
°C/W
Thermal resistance junction to
case (typ.)
RthJC
60
°C/W
Junction temperature
Tj
175
°C
Storage temperature
TS
- 55 to + 175
°C


Similar Part No. - ZMY9V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ZMY9V1 VISHAY-ZMY9V1 Datasheet
161Kb / 7P
   Zener Diodes
Rev. 1.7, 07-Aug-06
ZMY9V1 VISHAY-ZMY9V1 Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
ZMY9V1 VISHAY-ZMY9V1 Datasheet
104Kb / 5P
   Silicon planar power Zener diodes
Rev. 1.9, 06-Dec-11
ZMY9V1 VISHAY-ZMY9V1 Datasheet
102Kb / 5P
   Zener Diodes
Rev. 1.9, 06-Dec-11
ZMY9V1 VISHAY-ZMY9V1 Datasheet
93Kb / 6P
   Zener Diodes
Rev. 1.8, 15-Sep-10
More results

Similar Description - ZMY9V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com