Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V208RV-12LL Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M5M5V208RV-12LL
Description  2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V208RV-12LL Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M5M5V208RV-12LL Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V208RV-12LL Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MITSUBISHI LSIs
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
MITSUBISHI
ELECTRIC
M5M5V208FP,VP,RV,KV,KR -70L , -85L, -10L , -12L,
-70LL, -85LL, -10LL, -12LL
'97.3.21
3
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE
Symbol
Parameter
Test conditions
pF
pF
Unit
Max
7
9
Typ
Min
Limits
VI=GND, VI=25mVrms, f=1MHz
VO=GND,VO=25mVrms, f=1MHz
Input capacitance
Output capacitance
CI
CO
DC ELECTRICAL CHARACTERISTICS
(Ta=0~70°C, Vcc= 2.7 ~ 3.6V, unless otherwise noted)
Symbol
Parameter
V
V
V
Limits
Test conditions
Unit
V
µA
(Ta=0 ~ 70°C, Vcc= 2.7 ~ 3.6V, unless otherwise noted)
* –3.0V in case of AC ( Pulse width
≤ 30ns )
Note 1: Direction for current flowing into an IC is positive (no mark).
2: Typical value is for Vcc = 3V, Ta = 25°C
mA
* –3.0V in case of AC ( Pulse width
≤ 30ns )
µA
µA
mA
V
Active supply current
(CMOS-level Input)
Active supply current
(TTL-level Input)
Icc1
Icc2
Stand-by current
Icc4
VIH
High-level input voltage
VIL
Low-level input voltage
IO
Output current in off-state
Icc3
Stand-by current
VOH1
High-level output voltage 1
IOH= –0.5mA
VOH2
High-level output voltage 2
IOH= –0.05mA
VOL
Low-level output voltage
IOL=2mA
II
Input current
VI=0 ~ Vcc
S1=VIH or S2=VIL or OE=VIH
VI/O=0 ~ Vcc
S1=VIL,S2=VIH,
o
ther inputs=VIH or VIL
output-open
1) S2
0.2V or
2) S1
Vcc-0.2V,
S2
Vcc-0.2V
other inputs=0 ~ Vcc
S1=VIH or S2=VIL,other inputs=0 ~ Vcc
Vcc
+0.3V
0.6
2.0
–0.3*
2.4
0.33
0.4
±1
25
20
60
10
Vcc
-0.5V
±1
13
10
-L
-LL
Max
Typ
Min
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Unit
V
V
V
mW
°C
°C
Conditions
With respect to GND
Ta=25°C
700
0 ~ 70
– 65 ~150
Ratings
Symbol
Vcc
VI
VO
Pd
Topr
Tstr
– 0.5*~4.6
– 0.5* ~ Vcc + 0.5
0 ~ Vcc
(Max 4.6)
0.3
27
22
15
12
mA
S1
0.2V, S2Vcc-0.2V,
o
ther inputs
0.2V
or
Vcc-0.2V,output-open
0.6
1
-20 ~ +70°C
-20 ~ +70°C
-20 ~ +40°C
+25°C
f= 10MHz
f= 5MHz
f= 10MHz
f= 5MHz


Similar Part No. - M5M5V208RV-12LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208RV-12LL-W MITSUBISHI-M5M5V208RV-12LL-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V208RV-12LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V208AKV MITSUBISHI-M5M5V208AKV Datasheet
90Kb / 8P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V208FP-70L-W MITSUBISHI-M5M5V208FP-70L-W Datasheet
91Kb / 7P
   2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V208AKV RENESAS-M5M5V208AKV Datasheet
166Kb / 8P
   2097152-BIT(262144-WORD BY 8-BIT)CMOS STATIC RAM
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DP-45LL-1 MITSUBISHI-M5M5256DP-45LL-1 Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL-I MITSUBISHI-M5M5256DFP-10VLL-I Datasheet
44Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL MITSUBISHI-M5M5256DFP-70VLL Datasheet
62Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-70VLL-I MITSUBISHI-M5M5256DFP-70VLL-I Datasheet
43Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LLIBM RENESAS-M5M5256DFP-70LLIBM Datasheet
184Kb / 10P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com