Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5V416BWG-85HI Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M5M5V416BWG-85HI
Description  4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5V416BWG-85HI Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M5M5V416BWG-85HI Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5V416BWG-85HI Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M ITSUBISHI ELECTRIC
M5M5V416BWG
revision-W03, ' 98.12.16
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
MITSUBISHI LSIs
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change
2
FUNCTION
The M5M5V416BWG is organized as 262,144-words by
16-bit. These dev ices operate on a single +2.7~3.6V power
supply, and are directly TTL compatible to both input and
output. Its f ully st atic circuit needs no clocks and no
ref resh, and makes it usef ul.
The operation mode are determined by a combination of
the dev ice control inputs BC1 , BC2 , S1, S2 , W and OE.
Each mode is summarized in the f unction table.
A write operation is executed whenev er the low lev el W
ov erlaps with the low lev el BC1 and/or BC2 and the low
lev el S1 and the high lev el S2. The address(A0~A17) must
be set up bef ore the write cy cle and must be stable during
the entire cycle.
A read operation is executed by s etting W at a high lev el
and OE at a low lev el while BC1 and/or BC2 and S1 and
S2 are in an activ e state(S1=L,S2=H).
When setting BC1 at the high lev el and other pins are in
an activ e stage , upper-byt e are in a selectable mode in
which both reading and writing are enabled, and lower-byte
are in a non-selectable mode. And when setting BC2 at a
high lev el and other pins are in an activ e stage, lower-
byt e are in a selectable mode and upper-by te are in a
non-selectable mode.
When setting BC1 and BC2 at a high lev el or S1 at a high
lev el or S2 at a low lev el, the chips are in a non-selectable
mode in which both reading and writing are disabled. In this
mode, the output stage is in a high-impedance state, allowing
OR-tie with other chips and memory expansion by BC1, BC2
and S1, S2.
The power supply c urrent is reduced as low as 0.3µA(25°C,
ty pical), and the memory data can be held at +2V power
supply, enabling battery back-up operation during power
f ailure or power-down operation in the non-selected mode.
BLOCK DIAGRAM
MEMORY ARRAY
262144
WORDS
x 16
BITS
CLOCK
GENERATOR
A0
A1
A16
A17
S2
BC1
BC2
W
OE
DQ
8
DQ
1
DQ
16
DQ
9
-
Vcc
GND
S1
FUNCTION TABLE
Mode
S2
W
H
X
X
High-Z
BC1 BC2
OE
DQ1~8
X
X
Non selection
DQ9~16
Icc
High-Z Standby
High-Z High-Z
H
X
L
L
H
Din
High-Z
Active
H
H
L
H
Read
High-Z
Dout
Active
L
H
H
L
Active
H
H
L
Active
H
L
High-Z
High-Z
Active
H
L
H
H
High-Z
H
L
Dout
H
L
L
Read
Dout
Active
H
L
Din
L
L
X
Write
Din
Active
H
High-Z
H
H
High-Z High-Z
Non selection
X
H
H
X
X
Standby
Write
H
H
L
L
Write
Din
Active
X
H
L
H
Read
High-Z
Active
L
Dout
H
High-Z
S1
H
L
L
L
L
L
L
L
X
L
L
L
X
X
High-Z
X
X
Non selection
High-Z Standby
L
L
X
X
High-Z
X
X
Non selection
High-Z Standby
H


Similar Part No. - M5M5V416BWG-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BRT MITSUBISHI-M5M5V416BRT Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416BRT RENESAS-M5M5V416BRT Datasheet
150Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416BRT-10H MITSUBISHI-M5M5V416BRT-10H Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BRT-10HI MITSUBISHI-M5M5V416BRT-10HI Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BRT-10HW MITSUBISHI-M5M5V416BRT-10HW Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results

Similar Description - M5M5V416BWG-85HI

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI_02 Datasheet
153Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5Y416CWG-85HI MITSUBISHI-M5M5Y416CWG-85HI Datasheet
82Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5V416CWG RENESAS-M5M5V416CWG_15 Datasheet
176Kb / 12P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416CWG-55HI RENESAS-M5M5V416CWG-55HI Datasheet
252Kb / 9P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5V416CWG-70HI MITSUBISHI-M5M5V416CWG-70HI Datasheet
173Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5Y416CWG-70HI MITSUBISHI-M5M5Y416CWG-70HI Datasheet
87Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com