Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0672006. Datasheet(PDF) 1 Page - Littelfuse

Part # 0672006.
Description  Axial Lead and Cartridge Fuses - Glass Body
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0672006. Datasheet(HTML) 1 Page - Littelfuse

  0672006. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
432
www .littelfuse .com
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
5 seconds, Max.
AGENCY APPROVALS: Listed by Underwriters
Laboratories and Certified by CSA from 0.050 through
10 Amps.
INTERRUPTING RATING:
50A@250V AC
PACKAGING OPTIONS:
Please refer to the following suffixes when ordering:
Bulk (1000 pieces): Add MXE suffix to the catalog part number.
Tape and Reel (1500 pieces): Add DRT4 suffix to the catalog
part number.
TAPE AND REEL SPECIFICATIONS:
Per EIA-296 with 10mm pitch and 56.5mm
inside tape spacing.
ORDERING INFORMATION:
Glass Body
3.6 x 10 mm Fast-Acting Fuse 672 Series
• Designed to UL/CSA 248 Standard.
• Fast-Acting, glass body fuse in a compact package.
• This space saving fuse is ideally suited for lighting, power supply,
and adapter applications.
Catalog
Ampere
Voltage
Nominal
Nominal
Number
Rating
Rating
Resistance Melting i2t
Cold mOhms
A2Sec.
0672.100
.100
250
4.8250
0.00194
0672.125
.125
250
3.8620
0.00289
0672.200
.200
250
1.7302
0.0114
0672.250
.250
250
1.6120
0.0225
0672.300
.300
250
0.9250
0.0295
0672.400
.400
250
0.5840
0.0695
0672.500
.500
250
0.2322
0.128
0672.600
.600
250
0.1765
0.218
0672.750
.750
250
0.1310
0.254
0672.800
.800
250
0.1215
0.304
0672 001.
1.00
250
0.1056
0.508
0672 01.5
1.50
250
0.0595
0.884
0672 01.6
1.60
250
0.0565
0.965
0672 002.
2.00
250
0.0378
2.27
0672 02.5
2.50
250
0.0342
3.73
0672 3.15
3.15
250
0.0253
5.95
0672 004.
4.00
250
0.0174
8.86
0672 04.5
4.50
250
0.0170
9.77
0672 005.
5.00
250
0.0145
15.6
0672 006.
6.00
250
0.0132
18.0
0672 06.3
6.30
250
0.0120
19.3
0672 06.5
6.50
250
0.0118
21.9
0672 007.
7.00
250
0.0111
25.8
0672 008.
8.00
250
0.0088
33.2
0672 010.
10.0
250
0.0056
88.5
®
UL
®
672 000 Series
3.9 (.153")
30.0
(1.181") TYP.
Axial Lead Material: Solder coated copper.
0.6 (.024") ( 0.1 -5A)
0.8 (.031") (6 -7A)
1.0 (.039") (8 -10A)
11.0
(.433")
0.1
1
10
100
1000
0.001
0.010
0.1
1
10
100
1000
CURRENT IN AMPERES
Average Time Current Curves


Similar Part No. - 0672006.

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0672320001 MOLEX7-0672320001 Datasheet
190Kb / 3P
   1.27mm (.050") Pitch One Slot Card Bus Header-Flush Profile, Edge Mount, RightAngle, SMT
0672481000 MOLEX7-0672481000 Datasheet
113Kb / 2P
   Universal Serial Bus, Shielded I/O, Type B Receptacle, Right Angle, Short Body, 4Circuits
0672590300 MOLEX7-0672590300 Datasheet
139Kb / 3P
   2.50mm (.098") Wire-to-Board Crimp Housing, 3 Circuits
0672652201 MOLEX7-0672652201 Datasheet
263Kb / 4P
   Universal Serial Bus (USB), Shielded I/O, Type B Receptacle, Vertical, with Kinked Pins and Grounding Pins, 4 Circuits, 0.76關m (30關") Gold (Au) Plating, Color BlackLead Free,
0672982090 MOLEX7-0672982090 Datasheet
141Kb / 3P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Dual Stacked, TypeA, Gold (Au) Flash, Black Housing, with 2 Beveled Metal Pins, Tray Package, LeadFree
More results

Similar Description - 0672006.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313P LITTELFUSE-313P Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
673 LITTELFUSE-673 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
312P LITTELFUSE-312P Datasheet
46Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
3AG LITTELFUSE-3AG Datasheet
95Kb / 1P
   Axial Lead and Cartridge Fuses - Glass Body
229P LITTELFUSE-229P Datasheet
118Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
229 LITTELFUSE-229 Datasheet
139Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
224 LITTELFUSE-224 Datasheet
45Kb / 1P
   Axial Lead and Cartridge Fuses - Subminiature Glass Body
676 LITTELFUSE-676 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
314P LITTELFUSE-314P Datasheet
50Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
674 LITTELFUSE-674 Datasheet
40Kb / 1P
   Axial Lead and Cartridge Fuses - Ceramic Body
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com