Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860 Datasheet(PDF) 1 Page - Littelfuse

Part # 860
Description  Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

860 Datasheet(HTML) 1 Page - Littelfuse

  860 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
050816
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
VDE
12,7 -0,1
12,7 -0,1
4,8
4 + 0,2
max. 7
12,5
53,7 + 0,5
1,6
10,2
31 + 0,5
6,5
1,6
10,2
25,6 + 0,6
6,5
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
M
M
M
M
MINIA
INIA
INIA
INIA
INIATURE
TURE
TURE
TURE
TURE
FFFFFUSEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
USEHOLDERS
Holder / No. 860
860
860
860
860
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
Panel Mount, Shocksafe
5x20mm / 6.3x32mm Fuses
5x20mm / 6.3x32mm Fuses
5x20mm / 6.3x32mm Fuses
5x20mm / 6.3x32mm Fuses
5x20mm / 6.3x32mm Fuses
Specifications
Specifications
Specifications
Specifications
Specifications
Standard
Standard
Standard
Standard
Standard
IEC 60127-6
UL 512
CSA C22.2. No.39
Approvals
Approvals
Approvals
Approvals
Approvals
VDE Report
SEMKO
UL Recognized
CSA Certified
SEV
Mounting
Mounting
Mounting
Mounting
Mounting
12.7mm diameter D-hole or double D-hole
Admissible torque on plastic hex nut is 1.2Nm
TTTTTerminals
erminals
erminals
erminals
erminals
Solderable or 4.8mm quick connect-fits 0.5mm tab
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
Protection Class & Category
IP 40 (IEC 60529)
PC2 (IEC 60127-6)
Materials
Materials
Materials
Materials
Materials
Holder/Cap: Black Thermoplastic, UL 94V0
Metal Parts: Copper alloy, corrosion protected
Terminals: Solderable, tinned
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Electrical Data (23ºC)
Rated Voltage:
250V
Rated Current: 10A (VDE/SEMKO)
16A (CSA)
20A (UL)
Rated Power :
4.0W (VDE/SEMKO)
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40ºC to +85ºC (consider de-rating)
Climatic T
Climatic T
Climatic T
Climatic T
Climatic Test
est
est
est
est
-40ºC/+85ºC/21 days (IEC 60068-2-1...3)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10ºC to +60ºC
relative humidity ≤ 75% yearly average,
without dew, maximum value for 30 days - 95%
VVVVVibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
ibration Resistance
24 cycles at 15 min. each (IEC 60068-2-6)
10 - 60Hz at 0.75mm amplitude
60 - 500Hz at 10g acceleration
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
Contact Resistance
≤ 5mΩ
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
Impulse Voltage
4 kV, 50 Hz, 1 min., dry
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
Insulation Resistance
> 103 MΩ (500 VDC, 1 min.)
Solderability
Solderability
Solderability
Solderability
Solderability
235ºC, 2 sec. (Wave)
350ºC, 1 sec. (Soldering Iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
350ºC, 5 sec. (IEC 60068-2-20)
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Minimum Cross Section
Conductor - 2.5mm2
Marking
Marking
Marking
Marking
Marking
860, 250V, Approvals
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
5.3g (860) / 3.3g (865) / 2.5g (866)
Order Information
Order Information
Order Information
Order Information
Order Information
Packaging
Packaging
Packaging
Packaging
Packaging
Bulk (100 pcs.)
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Order Numbers
Holder
No. 860 0000 100
Cap, 5x20mm
No. 865 0000 100
Cap, 6.3x32mm
No. 866 0000 100
Cap / No. 865
865
865
865
865
Cap / No. 866
866
866
866
866
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 6.3x32mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
For 5x20mm Fuses
Panel alternatives
Specifications are subject to change without notice
Specifications are subject to change without notice
Specifications are subject to change without notice
Specifications are subject to change without notice
Specifications are subject to change without notice


Similar Part No. - 860

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
860 VISHAY-860 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
logo
Precid-Dip Durtal SA
860 PREDIP-860 Datasheet
95Kb / 3P
   PCB CONNECTORS
logo
Qualtek Electronics Cor...
860-02-001 QUALTEK-860-02-001 Datasheet
253Kb / 1P
   EMI FILTER
860-02-006 QUALTEK-860-02-006 Datasheet
255Kb / 1P
   EMI FILTER
More results

Similar Description - 860

ManufacturerPart #DatasheetDescription
logo
Littelfuse
862 LITTELFUSE-862 Datasheet
82Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
810 LITTELFUSE-810 Datasheet
83Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
811 LITTELFUSE-811 Datasheet
81Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
813 LITTELFUSE-813 Datasheet
83Kb / 1P
   PC Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
800-01 LITTELFUSE-800-01 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
8000000010 LITTELFUSE-8000000010 Datasheet
47Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
85500001009 LITTELFUSE-85500001009 Datasheet
93Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
850 LITTELFUSE-850 Datasheet
87Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
820 LITTELFUSE-820 Datasheet
85Kb / 1P
   Panel Mount, Shocksafe 5x20mm Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com