Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N4624C-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTX1N4624C-1
Description  Hermetically sealed glass case. DO - 35 outline.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4624C-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTX1N4624C-1 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4624C-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46
1N4614 thru 1N4627
INCLUDING -1 VERSIONS
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
L, lead Length to Heat Sink (iNCHES)
FIGURE 2
TYPICAL THERMAL RESISTANCE
.1
.2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
5.1 VOLT
6.2 VOLT
3.3 VOLT


Similar Part No. - JANTX1N4624C-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4624CUR MICROSEMI-JANTX1N4624CUR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
JANTX1N4624CUR-1 MICROSEMI-JANTX1N4624CUR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
JANTX1N4624CURTR MICROSEMI-JANTX1N4624CURTR Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
JANTX1N4624CURTR-1 MICROSEMI-JANTX1N4624CURTR-1 Datasheet
189Kb / 3P
   GLASS SURFACE MOUNT 0.5 WATT ZENERS
More results

Similar Description - JANTX1N4624C-1

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DO-35 CDIL-DO-35 Datasheet
225Kb / 3P
   DO-35 Hermetically Sealed Glass Axial Package
logo
Naina Semiconductor ltd...
1N2970 NAINA-1N2970_17 Datasheet
147Kb / 2P
   Hermetically sealed DO-4 outline
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
KELDB3 TAK_CHEONG-KELDB3 Datasheet
92Kb / 3P
   DO-35 Hermetically Sealed Glass BI-directional Trigger Diode
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
AFC TAK_CHEONG-AFC Datasheet
193Kb / 6P
   350 mW DO-35 Hermetically Sealed Glass AFC / Trigger Diodes
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com