Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX14 Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74LVX14
Description  LOW-VOLTAGE CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX14 Datasheet(HTML) 6 Page - ON Semiconductor

  74LVX14 Datasheet HTML 1Page - ON Semiconductor 74LVX14 Datasheet HTML 2Page - ON Semiconductor 74LVX14 Datasheet HTML 3Page - ON Semiconductor 74LVX14 Datasheet HTML 4Page - ON Semiconductor 74LVX14 Datasheet HTML 5Page - ON Semiconductor 74LVX14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC74LVX14
MOTOROLA
LCX DATA
BR1339 — REV 3
6
OUTLINE DIMENSIONS
DT SUFFIX
PLASTIC TSSOP PACKAGE
CASE 948G–01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10
0.193
0.200
B
4.30
4.50
0.169
0.177
C
–––
1.20
–––
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60
0.020
0.024
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2 CONTROLLING DIMENSION: MILLIMETER.
3 DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH
OR GATE BURRS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4 DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5 DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN
EXCESS OF THE K DIMENSION AT MAXIMUM
MATERIAL CONDITION.
6 TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7 DIMENSION A AND B ARE TO BE DETERMINED
AT DATUM PLANE –W–.
__
_
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
–U–
SEATING
PLANE
0.10 (0.004)
–T–
SECTION N–N
DETAIL E
J J1
K
K1
DETAIL E
F
M
–W–
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
–V–
14X
REF
K
N
N
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
MC74LVX14/D
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4–32–1,
P.O. Box 5405, Denver, Colorado 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET: http://motorola.com/sps


Similar Part No. - 74LVX14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LVX14 MOTOROLA-74LVX14 Datasheet
139Kb / 6P
   LOW-VOLTAGE CMOS
logo
Toshiba Semiconductor
74LVX14 TOSHIBA-74LVX14 Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74LVX14 FAIRCHILD-74LVX14 Datasheet
68Kb / 7P
   Low Voltage Hex Inverter with Schmitt Trigger Input
logo
STMicroelectronics
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX14 ONSEMI-74LVX14 Datasheet
218Kb / 9P
   Low Voltage Hex Inverter
February 2008 Rev. 1.5.0
More results

Similar Description - 74LVX14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX32 ONSEMI-MC74LVX32 Datasheet
132Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Motorola, Inc
MC74LVX574 MOTOROLA-MC74LVX574 Datasheet
147Kb / 8P
   LOW-VOLTAGE CMOS
MC74LVX373 MOTOROLA-MC74LVX373 Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
Analog Devices
ADG741 AD-ADG741_15 Datasheet
315Kb / 12P
   CMOS Low Voltage
REV. A
ADG722 AD-ADG722_15 Datasheet
274Kb / 16P
   CMOS, Low Voltage
Rev. E
logo
Motorola, Inc
MC74LVX125 MOTOROLA-MC74LVX125 Datasheet
147Kb / 6P
   LOW-VOLTAGE CMOS
MC74LVX245 MOTOROLA-MC74LVX245 Datasheet
163Kb / 7P
   LOW-VOLTAGE CMOS
MC74LVXC3245 MOTOROLA-MC74LVXC3245 Datasheet
139Kb / 9P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08 ONSEMI-MC74LVX08 Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com