Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

520004 Datasheet(PDF) 1 Page - Littelfuse

Part # 520004
Description  Metric OMNI-BLOK Fuse Block Molded Base Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

520004 Datasheet(HTML) 1 Page - Littelfuse

  520004 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
10A
520
.03" STANDOFF
.40"
.18"
.50"
.950±.005
RECOMMENDED HOLE PATTERN
.050"
.055" TYP.
1.03" WITH A 5X20mm
FUSE INSTALLED
10A
520
.40"
.110"
.090" DIA. THRU
.07"x.13 HOLE
.50"
.54"
1.44"
.92"
45
°
.016"
520 004
10A
520
.40"
.110"
.090" DIA. THRU
.50"
.54"
1.44"
.92"
45
°
.016"
.40"
.50"
.54"
1.44"
.92"
45
°
.016"
.428"
.040 DIA.
520 003
520 005-GY
SOLDER TERMINAL
TYPES:
The metric Omni-Blok® fuse block, for 5 x 20mm size fuses, is a low
profile design that is available with a choice of solder type terminals,
NEMA style QC terminals, or PC board mountable terminals. Each of
these designs has tin-plated brass terminals. A unique design feature
provides self-alignment of the clips to the fuse caps. This feature, plus a
one-piece clip/terminal design, assures low contact resistance. An anti-
rotation feature is also available on the solder and QC terminal designs.
APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA. VDE and
Semko approved.
SPECIFICATIONS:
Electrical:
UL/CSA
VDE/Semko
Solder Type —
10A, 300V.
6.3A, 250V.
Q.C. Type —
10A, 300V.
6.3A, 250V.
PCB Type —
10A, 300V.
6.3A, 250V.
Dielectric Strength: 1500V., Minimum.
Clip/Terminals: Tin-Plated Spring Brass.
Base: Glass reinforced Thermoplastic, UL 94V0 flammability rating.
Gray color (GY) for anti-rotational series, black color for all others.
Ambient Temperature: – 40°C to +85°C.
PATENTED
ORDERING INFORMATION:
Catalog
Typical Overall
Clip/
Anti-Rotation
Number
Width
Terminals
Boss
Solder Type Terminals
520 004
.40"
Brass
No
NEMA Style .110" Q.C. Terminals
520 003
.40"
Brass
No
520 005-GY
.40"
Brass
Yes
PC Board Mount
520 101
.40"
Brass
No
Q.C. TERMINAL
TYPES:
P.C. MOUNT TYPE
520 101
®
®
V
DE
Metric OMNI-BLOK
® Fuse Block Molded Base Type
Fuse Blocks and Clips
349
www .littelfuse .com
For 5 x 20mm Fuses
Next
Previous


Similar Part No. - 520004

ManufacturerPart #DatasheetDescription
logo
Littelfuse
52000001009 LITTELFUSE-52000001009 Datasheet
203Kb / 1P
   520/521/102071 Series, Clips
52000001009 LITTELFUSE-52000001009 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
52000001009 LITTELFUSE-52000001009_V01 Datasheet
874Kb / 1P
   520/521/102071 Series Circuit Board Mount Fuse Clips for 5mm & 6.3mm Diameter Fuses
Revised: 02/16/15
logo
Lapp.
52000110 LAPP-52000110 Datasheet
151Kb / 2P
   SKINDICHT® GMK
03.07.2018
52000830 LAPP-52000830 Datasheet
174Kb / 2P
   SKINDICHT® SH
03.07.2018
More results

Similar Description - 520004

ManufacturerPart #DatasheetDescription
logo
Littelfuse
520 LITTELFUSE-520_V01 Datasheet
578Kb / 2P
   520 Series Metric OMNI-BLOK짰 Molded Base Fuse Block for 5횞20mm Fuses
Revised: 06/07/21
254 LITTELFUSE-254_V01 Datasheet
568Kb / 2P
   254 Series OMNI-BLOK짰 Molded Base Fuse Block for 2AG Fuses
Revised: 11/25/19
354 LITTELFUSE-354_V01 Datasheet
614Kb / 2P
   354 Series OMNI-BLOK짰 Molded Base Fuse Block for 3AB/3AG Fuses
Revised: 12/13/19
646 LITTELFUSE-646_V01 Datasheet
202Kb / 1P
   646 Series Molded Base Fuse Block For 5횞20mm Fuses
Revised: GD. 06/03/22
0154-250DR LITTELFUSE-0154-250DR Datasheet
199Kb / 2P
   154/154T/154L/154TL Series OMNI-BLOK Fuse and Holder Assembly
656 LITTELFUSE-656 Datasheet
536Kb / 1P
   656 Series Molded Base PC Mount Fuse Block For 5횞20mm Fuses
Revised: 07/09/21
03540621ZXBL LITTELFUSE-03540621ZXBL Datasheet
865Kb / 2P
   354 Series OMMI-BLOK짰 Molded Base Fuse Block for 3AG Fuses
658 LITTELFUSE-658_V01 Datasheet
837Kb / 1P
   658 Series Molded Base Surface Mount Fuse Block For 5횞20mm Fuses
Revised: 07/08/21
logo
List of Unclassifed Man...
441-R345A-GR ETC2-441-R345A-GR Datasheet
82Kb / 2P
   Fuse Block
logo
Littelfuse
649 LITTELFUSE-649_V01 Datasheet
410Kb / 1P
   649 Series Molded Fuse Block, PC Mount for 5횞20mm Fuses
Revised: 01/31/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com