Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-B10G-0K300 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # 5082-B10G-0K300
Description  18:88 and 88:88 0.56 Four Digit GaP Green Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-B10G-0K300 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  5082-B10G-0K300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-B10G-0K300 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Contrast Enhancement
For information on contrast
enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl
ketone, etc.) and from the
chlorinated hydrocarbon family
(methylene chloride,
trichloroethylene, carbon
tetrachloride, etc.) are not
recommended for cleaning LED
parts. All these various solvents
attack or dissolve the
encapsulating epoxies used to
form the package of plastic LED
parts.
Figure 1. Maximum allowable DC current vs.
ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 4. Relative efficiency (luminous
intensity per unit current) vs. peak current.
20
0
TA – AMBIENT TEMPERATURE – °C
30
90
120
40
30
70
50
GREEN
10
20
5
15
25
35
40
60
80
100 110
R
θJ-A = 770°C/W
0
0
VF – FORWARD VOLTAGE – V
100
50
35
70
20
14
30
GREEN
2
80
10
40
60
90
0
0
IF – DC FORWARD CURRENT – mA
8
6
4
2
20
10
30
GREEN
515
25
1.4
0
0
5
10 15 20 25 30 35 40 45 50
PEAK FORWARD CURRENT
PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5988-5381EN
June 30, 2004
5988-7859EN


Similar Part No. - 5082-B10G-0K300

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0001 ASI-5082-0001 Datasheet
17Kb / 1P
   SILICON PIN DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
   STEP RECOVERY DIODE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
   PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results

Similar Description - 5082-B10G-0K300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B08G AVAGO-HDSP-B08G Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Broadcom Corporation.
HDSP-B0XG BOARDCOM-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XG AVAGO-HDSP-B0XG Datasheet
366Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP Green Seven Segment Display
logo
Agilent(Hewlett-Packard...
HDSP-B04E HP-HDSP-B04E Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B0XE AVAGO-HDSP-B0XE Datasheet
189Kb / 8P
   18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
HDSP-B42G AVAGO-HDSP-B42G Datasheet
176Kb / 4P
   18:88 0.56" Four Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-B42G HP-HDSP-B42G Datasheet
347Kb / 4P
   18:88 0.56 Four Digit Seven Segment Displays
logo
BetLux Electronics
BL-Q56A-42 BETLUX-BL-Q56A-42 Datasheet
322Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-43 BETLUX-BL-Q56A-43 Datasheet
324Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
BL-Q56A-45 BETLUX-BL-Q56A-45 Datasheet
342Kb / 5P
   14.20mm (0.56) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com