Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX138MG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX138MG
Description  3-to-8 Line Decoder With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX138MG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX138MG Datasheet HTML 1Page - ON Semiconductor MC74LVX138MG Datasheet HTML 2Page - ON Semiconductor MC74LVX138MG Datasheet HTML 3Page - ON Semiconductor MC74LVX138MG Datasheet HTML 4Page - ON Semiconductor MC74LVX138MG Datasheet HTML 5Page - ON Semiconductor MC74LVX138MG Datasheet HTML 6Page - ON Semiconductor MC74LVX138MG Datasheet HTML 7Page - ON Semiconductor MC74LVX138MG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74LVX138
http://onsemi.com
4
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage
0
VCC
V
TA
Operating Temperature, All Package Types
−40
+85
_C
Dt/DV
Input Rise and Fall Time
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
VCC
V
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.0
2.4
1.5
2.0
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(Vin = VIH or VIL)
IOH = −50mA
IOH = −50mA
IOH = −4mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(Vin = VIH or VIL)
IOL = 50mA
IOL = 50mA
IOL = 4mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
Iin
Input Leakage Current
Vin = 5.5V or GND
3.6
±0.1
±1.0
mA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
4.0
40.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = − 40 to 85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Propagation Delay
Input to Output
VCC = 2.7V
CL = 15pF
CL = 50pF
7.1
9.6
13.8
17.3
1.0
1.0
16.5
20.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
5.5
8.0
8.8
12.3
1.0
1.0
10.5
14.0
tPLH,
tPHL
Propagation Delay
E3 to O
VCC = 2.7V
CL = 15pF
CL = 50pF
8.7
11.2
16.3
19.8
1.0
1.0
19.5
23.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
6.8
9.3
10.6
14.1
1.0
1.0
12.5
16.0
tPLH,
tPHL
Propagation Delay
E1 or E2 to O
VCC = 2.7V
CL = 15pF
CL = 50pF
8.8
11.3
16.0
19.5
1.0
1.0
18.5
22.0
ns
VCC = 3.3 ± 0.3V
CL = 15pF
CL = 50pF
6.9
9.4
10.4
13.9
1.0
1.0
11.5
15.0
tOSHL
tOSLH
Output−to−Output Skew
(Note 1)
VCC = 2.7V
CL = 50pF
VCC = 3.3 ±0.3V
CL = 50pF
2.5
2.5
2.5
2.5
ns
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Similar Part No. - MC74LVX138MG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX138M MOTOROLA-MC74LVX138M Datasheet
173Kb / 7P
   LOW-VOLTAGE CMOS
More results

Similar Description - MC74LVX138MG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX238 STMICROELECTRONICS-74LVX238_04 Datasheet
323Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
74LVX238 STMICROELECTRONICS-74LVX238 Datasheet
236Kb / 9P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER WITH 5V TOLERANT INPUTS
July 2001
74LVX138 STMICROELECTRONICS-74LVX138 Datasheet
330Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV.) WITH 5V TOLERANT INPUTS
74LCX138 STMICROELECTRONICS-74LCX138 Datasheet
299Kb / 12P
   LOW VOLTAGE CMOS 3 TO 8 LINE DECODER (INV) WITH 5V TOLERANT INPUTS
74LCX138 STMICROELECTRONICS-74LCX138_06 Datasheet
309Kb / 17P
   Low voltage CMOS 3 to 8 line decoder (Inverter) with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX138F TOSHIBA-TC74LCX138F Datasheet
289Kb / 9P
   LOW VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ138FK TOSHIBA-TC7MZ138FK Datasheet
237Kb / 7P
   LOW-VOLTAGE 3-TO-8 LINE DECODER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX138 ONSEMI-MC74LCX138_05 Datasheet
95Kb / 8P
   Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
logo
Texas Instruments
SN74HCS138 TI-SN74HCS138 Datasheet
667Kb / 19P
[Old version datasheet]   SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com