Electronic Components Datasheet Search |
|
MC74LVX138MEL Datasheet(PDF) 5 Page - ON Semiconductor |
|
MC74LVX138MEL Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 8 page MC74LVX138 http://onsemi.com 5 CAPACITIVE CHARACTERISTICS TA = 25°C TA = − 40 to 85°C Symbol Parameter Min Typ Max Min Max Unit Cin Input Capacitance − 4 10 − 10 pF CPD Power Dissipation Capacitance (Note 2) − 34 − − − pF 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC . CPD is used to determine the no−load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC. NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 3.3V, Measured in SOIC Package) TA = 25°C Symbol Characteristic Typ Max Unit VOLP Quiet Output Maximum Dynamic VOL − 0.5 V VOLV Quiet Output Minimum Dynamic VOL − −0.5 V VIHD Minimum High Level Dynamic Input Voltage − 2.0 V VILD Maximum Low Level Dynamic Input Voltage − 0.8 V SWITCHING WAVEFORMS 50% tPHL tPLH VCC GND VALID VALID O 50% VCC VCC GND tPLH 50% VCC O E3 tPHL 50% A VCC GND tPHL tPLH O E2 or E1 50% VCC 50% Figure 4. . Figure 5. . Figure 6. *Includes all probe and jig capacitance CL* TEST POINT DEVICE UNDER TEST OUTPUT TEST CIRCUIT Figure 7. |
Similar Part No. - MC74LVX138MEL |
|
Similar Description - MC74LVX138MEL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |