Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1320AV18-250BZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1320AV18-250BZC
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1320AV18-250BZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1320AV18-250BZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1320AV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CY7C1316AV18
CY7C1318AV18
CY7C1320AV18
Document #: 38-05499 Rev. *B
Page 5 of 20
R/W
Input-
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access type (Read
when R/W is HIGH, Write when R/W is LOW) for loaded address. R/W must meet the set-up and
hold times around edge of K.
C
Input-
Clock
Positive Output Clock Input. C is used in conjunction with C to clock out the Read data from
the device. C and C can be used together to deskew the flight times of various devices on the
board back to the controller. See application example for further details.
C
Input-
Clock
Negative Output Clock Input. C is used in conjunction with C to clock out the Read data from
the device. C and C can be used together to deskew the flight times of various devices on the
board back to the controller. See application example for further details.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the
device and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated
on the rising edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous data being presented to the device
and to drive out data through Q[x:0] when in single clock mode.
CQ
Output-
Clock
CQ is referenced with respect to C. This is a free-running clock and is synchronized to the
output clock (C) of the DDR-II. In the single clock mode, CQ is generated with respect to K. The
timings for the echo clocks are shown in the AC timing table.
CQ
Output-
Clock
CQ is referenced with respect to C. This is a free-running clock and is synchronized to the
output clock (C) of the DDR-II. In the single clock mode, CQ is generated with respect to K. The
timings for the echo clocks are shown in the AC timing table.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system
data bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 × RQ, where RQ is a
resistor connected between ZQ and ground. Alternately, this pin can be connected directly to VDD,
which enables the minimum impedance mode. This pin cannot be connected directly to GND or
left unconnected.
DOFF
Input
DLL Turn Off—active LOW. Connecting this pin to ground will turn off the DLL inside the device.
The timings in the DLL turned off operation will be different from those listed in this data sheet.
More details on this operation can be found in the application note, “DLL Operation in the
QDR™-II.”
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/36M
N/A
Address expansion for 36M. This is not connected to the die and so can be tied to any voltage
level.
NC/72M
N/A
Address expansion for 72M. This is not connected to the die and so can be tied to any voltage
level.
VSS/72M
Input
Address expansion for 72M. This must be tied LOW.
VSS/144M
Input
Address expansion for 144M. This must be tied LOW.
VSS/288M
Input
Address expansion for 288M. This must be tied LOW.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs and Outputs
as well as AC measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CY7C1320AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-300BZXC CYPRESS-CY7C13201KV18-300BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C13201KV18-333BZXC CYPRESS-CY7C13201KV18-333BZXC Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1320BV18 CYPRESS-CY7C1320BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1320BV18 CYPRESS-CY7C1320BV18 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1320AV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C13201KV18 CYPRESS-CY7C13201KV18 Datasheet
1Mb / 23P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1318BV18 CYPRESS-CY7C1318BV18_11 Datasheet
1Mb / 31P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316JV18 CYPRESS-CY7C1316JV18 Datasheet
616Kb / 26P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1316CV18 CYPRESS-CY7C1316CV18 Datasheet
662Kb / 29P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com