Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8245MTPU300D Datasheet(PDF) 6 Page - ATMEL Corporation

Part # PC8245MTPU300D
Description  Integrated Processor Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245MTPU300D Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button PC8245MTPU300D Datasheet HTML 2Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 3Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 4Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 5Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 6Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 7Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 8Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 9Page - ATMEL Corporation PC8245MTPU300D Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
6
PC8245
2171D–HIREL–06/04
Pinout Listing
Table 1 provides the pinout listing for the PC8245, 352 TBGA package.
Table 1. PC8245 Pinout Listing
Signal Name
Pin Number
Type
Power
Supply
Output Driver Type
Notes
PCI Interface Signals
C/BE[3:0]
P25 K23 F23 A25
I/O
OVDD
DRV_PCI
(6)(15)
DEVSEL
H26
I/O3
OV
DD
DRV_PCI
(8)(15)
FRAME
J24
I/O
OVDD
DRV_PCI
(8)(15)
IRDY
K25
I/O
OVDD
DRV_PCI
(8)(15)
LOCK
J26
Input
OV
DD
(8)
AD[31:0]
V25 U25 U26 U24 U23 T25 T26
R25 R26 N26 N25 N23 M26 M25
L25 L26 F24 E26 E25 E23 D26
D25 C26 A26 B26 A24 B24 D19
B23 B22 D22 C22
I/O3
OV
DD
DRV_PCI
(6)(15)
PAR
G25
I/O
OV
DD
DRV_PCI
(15)
GNT[3:0]
W25 W24 W23 V26
Output
OVDD
DRV_PCI
(6)(15)
GNT4/DA5
W26
Output
OVDD
DRV_PCI
(7)(14)(15)
REQ[3:0]
Y25 AA26 AA25 AB26
Input
OV
DD
(6)(12)
REQ4/DA4
Y26
I/O
OVDD
(12)(14)
PERR
G26
I/O
OV
DD
DRV_PCI
(8)(15)(18)
SERR
F26
I/O
OV
DD
DRV_PCI
(8)(15)(16)
STOP
H25
I/O
OVDD
DRV_PCI
(8)(15)
TRDY
K26
I/O
OV
DD
DRV_PCI
(8)(15)
INTA
AC26
Output
OV
DD
DRV_PCI
(15)(16)
IDSEL
P26
Input
OVDD
Memory Interface Signals
MDL[0
:31]
AD17 AE17 AE15 AF15 AC14
AE13 AF13 AF12 AF11 AF10 AF9
AD8 AF8 AF7 AF6 AE5 B1 A1 A3
A4 A5 A6 A7 D7 A8 B8 A10 D10
A12 B11 B12 A14
I/O
GV
DD
DRV_STD_MEM
(5)(6)
MDH[0
:31]
AC17 AF16 AE16 AE14 AF14
AC13 AE12 AE11 AE10 AE9 AE8
AC7 AE7 AE6 AF5 AC5 E4 A2 B3
D4 B4 B5 D6 C6 B7 C9 A9 B10
A11 A13 B13 A15
I/O
GVDD
DRV_STD_MEM
(6)
DQM[0
:7]
AB1 AB2 K3 K2 AC1 AC2 K1 J1
Output
GVDD
DRV_MEM_CTRL
(6)
CS[0
:7]
Y4 AA3 AA4 AC4 M2 L2 M1 L1
Output
GV
DD
DRV_MEM_CTRL
(6)
FOE
H1
I/O
GVDD
DRV_MEM_CTRL
(3)(4)
RCS0
N4
Output
GVDD
DRV_MEM_CTRL
(3)(4)
RCS1
N2
Output
GV
DD
DRV_MEM_CTRL


Similar Part No. - PC8245MTPU300D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC824 SHARP-PC824 Datasheet
74Kb / 5P
   AC Input Photocoupler
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Sharp Corporation
PC824A SHARP-PC824A Datasheet
74Kb / 5P
   AC Input Photocoupler
More results

Similar Description - PC8245MTPU300D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com