Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC8245MTPU333D Datasheet(PDF) 7 Page - ATMEL Corporation

Part # PC8245MTPU333D
Description  Integrated Processor Family
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC8245MTPU333D Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button PC8245MTPU333D Datasheet HTML 3Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 4Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 5Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 6Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 7Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 8Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 9Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 10Page - ATMEL Corporation PC8245MTPU333D Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
7
PC8245
2171D–HIREL–06/04
RCS2/TRIG_IN
AF20
I/O
OV
DD
(10)(14)
RCS3/TRIG_OUT
AC18
Output
GVDD
DRV_MEM_CTRL
(14)
SDMA[1:0]
W1 W2
I/O
GV
DD
DRV_MEM_CTRL
(3)(4)(6)
SDMA[11
:2]
N1 R1 R2 T1 T2 U4 U2 U1 V1 V3
Output
GVDD
DRV_MEM_CTRL
(6)
DRDY
B20
Input
OVDD
(9)(14)
SDMA12/SRESET
B16
I/O
GV
DD
DRV_MEM_CTRL
(10)(14)
SDMA13/TBEN
B14
I/O
GVDD
DRV_MEM_CTRL
(10)(14)
SDMA14/CHKSTOP_IN
D14
I/O
GVDD
DRV_MEM_CTRL
(10)(14)
SDBA1
P1
Output
GV
DD
DRV_MEM_CTRL
SDBA0
P2
Output
GVDD
DRV_MEM_CTRL
PAR[0
:7]
AF3 AE3 G4 E2 AE4 AF4 D2 C2
I/O
GVDD
DRV_STD_MEM
(6)
SDRAS
AD1
Output
GV
DD
DRV_MEM_CTRL
(3)
SDCAS
AD2
Output
GVDD
DRV_MEM_CTRL
(3)
CKE
H2
Output
GVDD
DRV_MEM_CTRL
(3)(4)
WE
AA1
Output
GV
DD
DRV_MEM_CTRL
AS
Y1
Output
GVDD
DRV_MEM_CTRL
(3)(4)
EPIC Control Signals
IRQ0/S_INT
C19
Input
OV
DD
IRQ1/S_CLK
B21
I/O
OVDD
DRV_PCI
IRQ2/S_RST
AC22
I/O
OV
DD
DRV_PCI
IRQ_3/S_FRAME
AE24
I/O
OV
DD
DRV_PCI
IRQ_4/ L_INT
A23
I/O
OVDD
DRV_PCI
Two-wire Interface Control Signals
SDA
AE20
I/O
OV
DD
DRV_STD_MEM
(10)(16)
SCL
AF21
I/O
OVDD
DRV_STD_MEM
(10)(16)
DUART Control Signals
SOUT1/PCI_CLK0
AC25
Output
GV
DD
DRV_PCI_CLK
(13)(14)
SIN1/PCI_CLK1
AB25
I/O
GVDD
DRV_PCI_CLK
(13)(14)
SOUT2/RTS1/PCI_CLK2
AE26
Output
GV
DD
DRV_PCI_CLK
(13)(14)
SIN2/CTS1/PCI_CLK3
AF25
I/O
GV
DD
DRV_PCI_CLK
(13)(14)
Clock Out Signals
PCI_CLK0/SOUT1
AC25
Output
GV
DD
DRV_PCI_CLK
(13)(14)
PCI_CLK1/SIN1
AB25
I/O
GVDD
DRV_PCI_CLK
(13)(14)
PCI_CLK2/RTS1/SOUT2
AE26
Output
GVDD
DRV_PCI_CLK
(13)(14)
PCI_CLK3/CTS1/SIN2
AF25
I/O
GV
DD
DRV_PCI_CLK
(13)(14)
Table 1. PC8245 Pinout Listing (Continued)
Signal Name
Pin Number
Type
Power
Supply
Output Driver Type
Notes


Similar Part No. - PC8245MTPU333D

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC824 SHARP-PC824 Datasheet
74Kb / 5P
   AC Input Photocoupler
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
California Eastern Labs
PC8240T6N CEL-PC8240T6N Datasheet
742Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
ATMEL Corporation
PC8240VTPU200ETC ATMEL-PC8240VTPU200ETC Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Sharp Corporation
PC824A SHARP-PC824A Datasheet
74Kb / 5P
   AC Input Photocoupler
More results

Similar Description - PC8245MTPU333D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Freescale Semiconductor...
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
Freescale Semiconductor...
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
   PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
   PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com