Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0L2BT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PESD5V0L2BT
Description  Low capacitance double bidirectional ESD protection diodes in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0L2BT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PESD5V0L2BT Datasheet HTML 6Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 7Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 8Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 9Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 10Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 11Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 12Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 13Page - NXP Semiconductors PESD5V0L2BT Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
9397 750 14034
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 1 November 2005
11 of 14
Philips Semiconductors
PESDxL2BT series
Low capacitance double bidirectional ESD protection diodes in SOT23
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 15.
Fig 11. Package outline SOT23 (TO-236AB)
04-11-04
Dimensions in mm
0.45
0.15
1.9
1.1
0.9
3.0
2.8
2.5
2.1
1.4
1.2
0.48
0.38
0.15
0.09
12
3
Table 9:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
PESD3V3L2BT
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
PESD5V0L2BT
PESD12VL2BT
PESD15VL2BT
PESD24VL2BT


Similar Part No. - PESD5V0L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0L2BT NXP-PESD5V0L2BT Datasheet
189Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
Shanghai Leiditech Elec...
PESD5V0L2BT LEIDITECH-PESD5V0L2BT Datasheet
218Kb / 3P
   2-Line Bi-directional TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
PESD5V0L2BT TECHPUBLIC-PESD5V0L2BT Datasheet
1Mb / 4P
   2-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0L2BT NEXPERIA-PESD5V0L2BT Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
logo
Guangdong Youtai Semico...
PESD5V0L2BT UMW-PESD5V0L2BT Datasheet
303Kb / 3P
   350W peak pulse power (tp=8/20μs)
More results

Similar Description - PESD5V0L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2BT NXP-PESDXL2BT Datasheet
189Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
PJEC24MTA-AU PANJIT-PJEC24MTA-AU Datasheet
127Kb / 5P
   LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
July 5,2016-REV.00
logo
NXP Semiconductors
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
   Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com