Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6981N Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6981N
Description  10-A 12V-Input Dual Output Integrated Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6981N Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6981N Datasheet HTML 4Page - Texas Instruments PT6981N Datasheet HTML 5Page - Texas Instruments PT6981N Datasheet HTML 6Page - Texas Instruments PT6981N Datasheet HTML 7Page - Texas Instruments PT6981N Datasheet HTML 8Page - Texas Instruments PT6981N Datasheet HTML 9Page - Texas Instruments PT6981N Datasheet HTML 10Page - Texas Instruments PT6981N Datasheet HTML 11Page - Texas Instruments PT6981N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Table 1: Input/Output Capacitors
N/R –Not recommended. The voltage rating does not meet the minimin operating limits.
Capacitor Recommendations for
the
Dual-Output PT6980 Regulator Series
Input Capacitors:
The recommended input capacitance is determined by 1.0
ampere minimum ripple current rating and 330µF minimum
capacitance . Ripple current and <100m
Ω equivalent se-
ries resistance (ESR) values are the major considerations,
along with temperature, when designing with different
types of capacitors. Tantalum capacitors have a recommended
minimum voltage rating of 2
× the maximum DC voltage +
AC ripple. This is necessary to insure reliability for input
voltage bus applications
Output Capacitors: C2(Required), C3(Optional)
The ESR of the required capacitor (C2) must not be greater
than 50m
Ω. Electrolytic capacitors have poor ripple per-
formance at frequencies greater than 400kHz but excellent
low frequency transient response. Above the ripple fre-
quency, ceramic capacitors are necessary to improve the
transient response and reduce any high frequency noise
components apparent during higher current excursions.
Preferred low ESR type capacitor part numbers are identified
in Table 1. The optional 100µF capacitor (C3) for V2out can
have an ESR of up to 200m
Ω for optimum performance
and ripple reduction. (Note: Vendor part numbers for the
optional capacitor, C3, are not identified in the table. Use the
same series selected for C2)
PT6980 Series
Tantalum Capacitors
Tantalum type capacitors may be used at the output, but
only the AVX TPS series, Sprague 593D/594/595 series,
or Kemet T495/T510 series. The AVX TPS series, Kemet
or Sprague series tantalums are recommended over many
other types due to their higher rated surge, power dissipation,
and ripple current capability. As a caution, the TAJ series
by AVX is not recommended. This series has considerably
higher ESR, reduced power dissipation and lower ripple
current capability. The TAJ Series is also less reliable than
the AVX TPS series when determining power dissipation
capability. Tantalum or Oscon® types are recommended
for applications where ambient temperatures fall below 0°C.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The number of capacitors required at both the
input and output buses is identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other
vendors are available with comparable specifications. Those listed
are for guidance. The RMS ripple current rating and ESR
(Equivalent Series Resistance at 100kHz) are critical parameters
necessary to insure both optimum regulator performance and
long capacitor life.
Application Notes
r
o
t
i
c
a
p
a
C
/
r
o
d
n
e
V
t
n
e
n
o
p
m
o
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V)
F
µ
(
e
u
l
a
V
t
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
e
l
p
p
i
R
m
u
m
i
x
a
M
C
°
5
8
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
C
F
V
5
3
V
5
3
V
0
5
F
µ
0
8
6
F
µ
0
6
5
F
µ
0
8
6
3
4
0
.
0
8
3
0
.
0
8
4
0
.
0
A
m
0
9
6
1
A
m
5
5
6
1
A
m
5
3
8
1
5
1
x
6
1
0
2
x
5
.
2
1
0
2
x
6
1
1
1
1
1
1
1
S
1
8
6
V
1
C
F
U
E
E
S
1
6
5
V
1
C
F
U
E
E
1
8
6
H
1
C
F
U
E
E
d
e
t
i
n
U
n
o
c
-
i
m
e
h
C
/
Z
X
L
/
V
X
L
S
F
/
X
F
V
5
3
V
0
5
V
0
1
V
0
2
F
µ
0
8
6
F
µ
0
8
6
F
µ
0
9
3
F
µ
0
5
1
8
3
0
.
0
8
4
0
.
0
0
3
0
.
0
4
2
0
.
0
A
m
0
6
6
1
A
m
0
4
8
1
A
m
0
8
0
3
A
m
0
0
2
3
0
2
x
5
.
2
1
0
2
x
6
1
5
.
0
1
x
8
5
.
0
1
x
8
1
1
R
/
N
4
1
1
1
2
L
L
0
2
X
2
1
1
M
1
8
6
B
V
5
3
Z
X
L
L
L
0
2
X
6
1
M
1
8
6
B
V
0
5
Z
X
L
M
0
9
3
X
F
0
1
M
0
5
1
X
F
0
2
n
o
c
i
h
c
i
N
/
L
P
M
P
V
5
3
V
5
2
V
5
3
0
6
5F
µ
0
2
8F
µ
0
6
5F
µ
8
4
0
.
0
9
4
0
.
0
8
4
0
0
.
0
A
m
0
6
3
1
A
m
0
4
3
1
A
m
0
6
3
1
5
1
x
6
1
5
1
x
6
1
5
1
x
6
1
1
1
1
1
1
1
6
H
H
M
1
6
5
V
1
L
P
U
6
H
H
M
1
2
8
E
1
L
P
U
6
H
H
M
1
6
5
V
1
M
P
U
c
i
n
o
s
a
n
a
P
C
F
g
t
M
e
c
a
f
r
u
S
V
5
3
V
5
3
V
5
3
0
3
3F
µ
0
0
0
1F
µ
0
7
4F
µ
5
6
0
.
0
÷2Ω
8
3
0
.
0
3
4
0
.
0
A
m
5
0
2
1
>
A
m
0
0
0
2
A
m
0
9
6
1
5
.
6
1
x
5
.
2
1
5
.
6
1
x
8
1
5
.
6
1
x
6
1
2
1
2
1
1
Q
L
1
3
3
V
1
C
F
V
E
E
N
1
2
0
1
V
1
C
F
V
E
E
N
1
7
4
V
1
C
F
V
E
E
/
S
S
n
o
c
s
OV
S
V
0
1
V
0
1
0
3
3F
µ
F
µ
0
3
3
5
2
0
.
0
5
2
0
.
0
A
m
0
0
5
3
>
A
m
0
0
8
3
>
5
.
0
1
x
0
.
0
1
3
.
0
1
x
3
.
0
1
R
/
N
R
/
N
1
1
M
0
3
3
S
S
0
1
M
0
3
3
V
S
0
1
)
V
S
(
t
n
u
o
M
e
c
a
f
r
u
S
X
V
A
m
u
l
a
t
n
a
T
S
P
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
0
6
0
.
0
÷2Ω
0
6
0
.
0
÷2Ω
A
m
0
0
5
2
>
A
m
0
0
0
3
>
x
L
3
.
7
x
W
3
.
4
R
/
N
R
/
N
2
2
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
0
6
0
0
R
0
1
0
M
7
2
2
V
S
P
T
t
e
m
e
K
0
1
5
T
5
9
4
T
V
0
1
V
0
1
F
µ
0
3
3
F
µ
0
2
2
3
3
0
.
0
7
0
.
0
Ω÷
5
3
0
.
0
=
2
A
m
0
0
4
1
A
m
0
0
0
2
>
W
7
.
5
x
L
3
.
7
H
0
.
4
x
R
/
N
R
/
N
1
2
S
A
0
1
0
M
7
3
3
X
0
1
5
T
S
A
0
1
0
M
7
2
2
X
5
9
4
T
e
u
g
a
r
p
S
D
4
9
5
V
0
1F
µ
0
3
35
4
0
.
0
A
m
0
5
3
2
x
L
3
.
7
x
W
0
.
6
H
1
.
4
R
/
N1
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5


Similar Part No. - PT6981N

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6982B PTC-PT6982B Datasheet
336Kb / 4P
   High Precision Buck LED Driver
PT6982B-S PTC-PT6982B-S Datasheet
336Kb / 4P
   High Precision Buck LED Driver
PT6983A PTC-PT6983A Datasheet
367Kb / 4P
   High Precision Buck LED Driver
PT6983A-D PTC-PT6983A-D Datasheet
367Kb / 4P
   High Precision Buck LED Driver
PT6983A-S PTC-PT6983A-S Datasheet
367Kb / 4P
   High Precision Buck LED Driver
More results

Similar Description - PT6981N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com