Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V661CA60 Datasheet(PDF) 1 Page - Littelfuse

Part # V661CA60
Description  Varistor Products - High Energy Industrial Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V661CA60 Datasheet(HTML) 1 Page - Littelfuse

  V661CA60 Datasheet HTML 1Page - Littelfuse V661CA60 Datasheet HTML 2Page - Littelfuse V661CA60 Datasheet HTML 3Page - Littelfuse V661CA60 Datasheet HTML 4Page - Littelfuse V661CA60 Datasheet HTML 5Page - Littelfuse V661CA60 Datasheet HTML 6Page - Littelfuse V661CA60 Datasheet HTML 7Page - Littelfuse V661CA60 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
114
www .littelfuse .com
Varistor Products
CA Varistor Series
The CA Series of transient surge suppressors are industrial high-energy
disc varistors (MOVs) intended for special applications requiring unique
electrical contact or packaging methods provided by the customer. The
electrode finish of these devices is solderable and can also be used with
pressure contacts. Discs of the same diameter may be stacked.
This series of industrial disc varistors are available in three diameter
sizes of 32, 40, and 60mm, with disc thicknesses ranging from 1.8mm
minimum to 32mm maximum. They offer a wide voltage range of from
250 to 2800 VM(AC)RMS .
For information on soldering considerations, refer to AN8820 update.
“Recommendations for Soldering Terminal Leads to MOV Varistor Discs”.
Features
• Provided In Disc Form For Unique Packaging By Customer
• Solderable Electrode Finish Options
• Pressure Contacts and/or Disc Stacking May be Utilized
• Standard Disc Sizes 32mm, 40mm, and 60mm Diameter
• Available Edge Passivation Insulation
• Wide Operating Voltage Range VM(AC)RMS 250V to 2800V
• High Peak Pulse Current Range . .........ITM 20,000A to
70,000A
• Very High Energy Capability WTM .............. .330J to 10,000J
• No Derating Up to 85oC Ambient
High Energy Industrial Disc


Similar Part No. - V661CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V661CA60 LITTELFUSE-V661CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results

Similar Description - V661CA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com