Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V751CA40 Datasheet(PDF) 5 Page - Littelfuse

Part # V751CA40
Description  Varistor Products - High Energy Industrial Disc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751CA40 Datasheet(HTML) 5 Page - Littelfuse

  V751CA40 Datasheet HTML 1Page - Littelfuse V751CA40 Datasheet HTML 2Page - Littelfuse V751CA40 Datasheet HTML 3Page - Littelfuse V751CA40 Datasheet HTML 4Page - Littelfuse V751CA40 Datasheet HTML 5Page - Littelfuse V751CA40 Datasheet HTML 6Page - Littelfuse V751CA40 Datasheet HTML 7Page - Littelfuse V751CA40 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
118
www .littelfuse .com
Varistor Products
CA Varistor Series
High Energy Industrial Disc
Pulse Rating Curves
FIGURE 7. SURGE CURRENT RATING CURVES FOR
V131CA32 - V321CA32
FIGURE 8. SURGE CURRENT RATING CURVES FOR
V421CA32 - V751CA32
FIGURE 9.
SURGE CURRENT RATING CURVES FOR
V131CA40 - V751CA40
FIGURE 10. SURGE CURRENT RATING CURVES FOR
V251CA60 - V321CA60
FIGURE 11. SURGE CURRENT RATING CURVES FOR
V421CA60 - V282CA60
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
IMPULSE DURATION ( µs)
20
100
1,000
10,000
DISC SIZE 32mm
V131CA32 - V321CA32
1
2
10
102
105
106
INDEFINITE
104
103
1
2
10
102
INDEFINITE
106
105
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
IMPULSE DURATION ( µs)
20
100
1,000
10,000
DISC SIZE 32mm
V421CA32 - V751CA32
104
103
DISC SIZE 40mm
V131CA40 - V751CA40
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( µs)
106
10
2
1
INDEFINITE
104
103
102
105
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
IMPULSE DURATION ( µs)
1,000
10,000
10
102
103
INDEFINITE
106
20
100
2
DISC SIZE 60mm
V251CA60 - V321CA60
1
105
104
100,000
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( µs)
10
102
103
106
2
1
DISC SIZE 60mm
V421CA60 - V282CA60
INDEFINITE
104
105
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result. This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but does not prevent the device from continuing to function, and to provide ample protection.


Similar Part No. - V751CA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V751CA60 LITTELFUSE-V751CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results

Similar Description - V751CA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
   Varistor Products - High Energy Industrial Square Disc
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
   Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
   Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
   Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
   Varistor Products - High Energy Industrial
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com