Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6984N Datasheet(PDF) 11 Page - Texas Instruments

Part # PT6984N
Description  10-A 12V-Input Dual Output Integrated Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6984N Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT6984N Datasheet HTML 4Page - Texas Instruments PT6984N Datasheet HTML 5Page - Texas Instruments PT6984N Datasheet HTML 6Page - Texas Instruments PT6984N Datasheet HTML 7Page - Texas Instruments PT6984N Datasheet HTML 8Page - Texas Instruments PT6984N Datasheet HTML 9Page - Texas Instruments PT6984N Datasheet HTML 10Page - Texas Instruments PT6984N Datasheet HTML 11Page - Texas Instruments PT6984N Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT6980 Series
Using the Standby Function on the PT6980
Series of Dual-Output Voltage Regulators
Both output voltages of the 23-pin PT6980 dual-output
converter may be disabled using the regulator’s ‘Standby’
function. This function may be used in applications that
require power-up/shutdown sequencing, or wherever there
is a requirement to control the output voltage On/Off status
with external circuitry.
The standby function is provided by the STBY* control
(pin 3). If pin 3 is left open-circuit the regulator operates
normally, and provides a regulated output at both Vo1 (pins
12–15) and Vo2 (pins 18–21) whenever a valid supply volt-
age is applied to Vin (pins 4, 5, & 6) with respect to GND
(pins 7-11). If a low voltage1 is then applied to pin-3 both
regulator outputs will be simultaneously disabled and the
input current drawn by the ISR will drop to a typical value
of 4mA. The standby control may also be used to hold-off
both regulator outputs during the period that input power is
applied.
The standby pin is ideally controlled using an open-collector
(or open-drain) discrete transistor (See Figure 1). The
open-circuit voltage is the input voltage +Vin. Table 1 gives
the circuit parameters for this control input.
Table 1 Standby Control Parameters 1, 2
Parameter
Min
TYP
Max
Enable (VIH)
Open circuit
Disable (VIL)
–0.1V
0.4V 1
VSTBY (open circuit)
+Vin 2
ISTBY (IIL)
–0.5mA
Notes:
1. The standby control input is
Not compatible with TTL or
other devices that incorporate a totem-pole output drive. Use
only a true open-collector device, preferably a discrete bipolar
transistor (or MOSFET). To ensure the regulator output is
disabled, the control pin must be pulled to less than 0.4Vdc
with a low-level 0.5mA sink to ground.
2 The standby control input requires no external pull-up resistor.
The open-circuit voltage of the STBY* pin is the input
voltage +Vin.
3. When the regulator output is disabled the current drawn from
the input source is typically reduced to 4mA.
Figure 1
Turn-On Time:
Turning Q1 in Figure 1 off removes the low-
voltage signal at pin 3 and enables the PT6980 series
regulator. Following a delay of about 25ms, Vo1 and Vo2
rise together until the lower voltage, Vo2, reaches its set
output. Vo1 continues to rise until both outputs reach full
regulation voltage. The total power-up time is less than
40ms, and is relatively independent of load, temperature,
and output capacitance. Figure 2 shows waveforms of the
output voltages, Vo1 and Vo2, for a PT6984 (3.3V/1.2V).
The turn-off of Q1 corresponds to the rise in VSTBY. The
waveforms were measured with a 12V input voltage, and
with resistive loads of 5A and 1.25A at the Vo1 and Vo2
outputs respectively.
Figure 2
C
1
+
C
2
+
Inhibit
V
in
Vo
2
COM
COM
Q1
BSS138
Vo
1
C
3
+
4, 5, 6
PT6984
18–21
23
7–11
V
IN
Vo
2
GND
V
2 (adj)
V
1 (sns)
1
16
V
1 (adj)
12–15
Vo
1
V
2 (sns)
22
STBY
3
V1 (1V/Div)
V2 (1V/Div)
HORIZ SCALE: 5ms/Div
Vstby (10V/Div)


Similar Part No. - PT6984N

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6984A PTC-PT6984A Datasheet
354Kb / 4P
   High Precision Buck LED Driver
PT6984A-D PTC-PT6984A-D Datasheet
354Kb / 4P
   High Precision Buck LED Driver
PT6984A-S PTC-PT6984A-S Datasheet
354Kb / 4P
   High Precision Buck LED Driver
More results

Similar Description - PT6984N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS102A TI-SLTS102A Datasheet
194Kb / 8P
[Old version datasheet]   14-A 12V-Input Adjustable Integrated Switching Regulator
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6930 TI-PT6930 Datasheet
159Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
PT6936 TI-PT6936 Datasheet
242Kb / 12P
[Old version datasheet]   11-A 5V/3.3V-Input Dual Output Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT5060 TI-PT5060 Datasheet
233Kb / 4P
[Old version datasheet]   5V to 12V/15V 9W DUAL OUTPUT INTEGRATED SWITCHING REGULATOR
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5020 TI-PT5020 Datasheet
141Kb / 6P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com