Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91872DMP-28-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI91872DMP-28-E3
Description  300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91872DMP-28-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI91872DMP-28-E3 Datasheet HTML 1Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 2Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 3Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 4Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 5Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 6Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 7Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 8Page - Vishay Siliconix SI91872DMP-28-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Si91872
Vishay Siliconix
Document Number: 72013
S-51147—Rev. F, 20-Jun-05
www.vishay.com
3
SPECIFICATIONS
Limits
−40 to 85_C
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
CIN = 2 mF, COUT = 2.0 mF, VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
CIN = 2 mF, COUT = 2.0 mF, VSD = 1.5 V
Symbol
f = 1 kHz
Room
60
Ripple Rejection
DVOUT/DVIN
IOUT = 300 mA
f = 10 kHz
Room
40
dB
pp
j
OUT
IN
OUT
f = 100 kHz
Room
30
Dynamic Line Regulation
DVO(line)
VIN : VOUT(nom) + 1 V to VOUT(nom) + 2 V
tr/tf = 2 ms, IOUT = 300 mA
Room
20
mV
Dynamic Load Regulation
DVO(load)
IOUT : 1 mA to 300 mA, tr/tf = 2 ms
Room
25
mV
Thermal Shutdown Junction
Temperature
TJ(S/D)
Room
150
_C
Thermal Hysteresis
THYST
Room
20
C
Reverse current
IR
VIN = −6.0 V
Room
1
mA
Short Circuit Current
ISC
VOUT = 0 V
Room
700
mA
Shutdown
Shutdown Supply Current
ICC(off)
VSD = 0 V
Room
0.1
1
mA
SD Pin Input Voltage
VSD
High = Regulator ON (Rising)
Full
1.5
VIN
V
SD Pin Input Voltage
VSD
Low = Regulator OFF (Falling)
Full
0.4
V
Auto Discharge Resistance
R_DIS
Si91872 Only
Room
100
W
SD Pin Input Currentf
IIN(SD)
VSD = 1.5 V, VIN = 6 V
Room
0.7
mA
SD Hysteresis
VHYST(SD)
Full
150
mV
VOUT Turn-On Time
tON
VSD (See Figure 1), ILOAD = 100 mA
Room
50
ms
ERROR Output
ERROR High Leakage
IOFF
ERROR v VIN. VOUT in Regulation
Full
1
mA
ERROR Low Voltage
VOL
ISINK = 0.5 mA
Full
0.4
V
ERROR Voltage Threshold
VERROR
VOUT Below VOUT(nom)g, VIN w 2 V
VOUT Falling, IOUT = 1 mA, VOUT(nom) w 2 V
Full
−2
−4
−6
ERROR Voltage Threshold
VERROR
VOUT(nom)g t 2 V, VIN u 2 V
Full
−4
%
ERROR Voltage Threshold
Hysteresis
VHYST(ERROR)
Room
1.5
%
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not not drop below 2.0 V.
e.
Ground current is specified for normal operation as well as “drop-out” operation.
f.
The device’s shutdown pin includes a typical 2-MW internal pull-down resistor connected to ground.
g.
VOUT(nom) is VOUT when measured with a 1-V differential to VIN.
TIMING WAVEFORMS
FIGURE 1. Timing Diagram for Power-Up
VSD
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr v 1 mS


Similar Part No. - SI91872DMP-28-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91872 VISHAY-SI91872 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
More results

Similar Description - SI91872DMP-28-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91822 VISHAY-SI91822 Datasheet
119Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. A, 15-Oct-01
logo
Texas Instruments
LP3997 TI-LP3997_15 Datasheet
954Kb / 18P
[Old version datasheet]   Micropower 250-mA CMOS LDO Regulator With Error Flag and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com