Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ34063MTR-E1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AZ34063MTR-E1
Description  0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ34063MTR-E1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AZ34063MTR-E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ34063MTR-E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063
Data Sheet
5
Apr. 2005 Rev. 2. 1
BCD Semiconductor Manufacturing Limited
(
VCC = 5.0 V, TA = -40 to 85
oC, unless otherwise specified.)
Note 3: Low duty cycle pulse technique are used during test to maintain junction temperature as close to ambient temperature
as possible.
Note 4: If the output switch is driven into hard saturation (non-Darlington configuration) at low switch currents ( 300mA)
and high driver currents ( 30mA), it may take up to 2.0us for it to come out of saturation. This condition will shorten the off
time at frequencies 30KHz, and is magnified at high temperatures. This condition does not occur with a Darlington configura-
tion, since the output switch cannot saturate. If a non-Darlington configuration is used, the following output drive condition is
recommended:
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OSCILLATOR
Frequency
fOSC
VPin 5 = 0 V,
TA = 25
oC
CT = 1.0 nF
24
33
42
KHz
CT = 330 pF
50
65
80
KHz
Charge Current
ICHG
VCC = 5.0 V to 36 V, TA = 25
oC
24
35
42
A
Discharge Current
IDISCHG
VCC = 5.0 V to 36 V, TA = 25
oC
140
220
260
A
Discharge to Charge
Current Ratio
IDISCHG/ICHG Pin 7 to V
CC, TA = 25
oC
5.2
6.5
7.5
Current Limit Sense
VIPK(sense)
ICHG = IDISCHG, TA = 25
oC
250
300
350
mV
OUTPUT SWITCH (Note 3)
Saturation Voltage,
Dalington Connection
VCE(sat)
ISW = 0.6 A,
Pins 1, 8 connected
1.0
1.3
V
Saturation Voltage (Note 4)
VCE(sat)
ISW = 0.6 A, RPin 8 = 82
to
VCC, Forced = 20
0.45
0.8
V
DC Current Gain
hFE
ISW = 0.6 A,
VCE = 5.0 V,
50
75
Collector Off-State Current
IC(off)
VCE = 36 V
0.01
100
A
COMPARATOR
Threshold Voltage
VTH
TA = 25
oC
1.225
1.250
1.275
V
TA = -40 to 85
oC
1.21
1.29
Threshold Voltage Line
Regulation
REGLINE
VCC = 3.0 V to 36 V
1.4
5
mV
Input Bias Current
IIB
VIN = 0 V
-20
-400
nA
TOTAL DEVICE
Supply Current
ICC
VCC = 5.0 V to 36 V, CT = 1.0 nF,
Pin 7 = VCC, VPin 5 > VTH,
Pin 2 = GND, other pins open
4mA
Electrical Characteristics


Similar Part No. - AZ34063MTR-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063AM ETC1-AZ34063AM Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AZ34063AM BCDSEMI-AZ34063AM Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063AM-E1 ETC1-AZ34063AM-E1 Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063MTR-E1

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com