Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVX573 Datasheet(PDF) 7 Page - ON Semiconductor

Part # LVX573
Description  Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LVX573 Datasheet(HTML) 7 Page - ON Semiconductor

  LVX573 Datasheet HTML 1Page - ON Semiconductor LVX573 Datasheet HTML 2Page - ON Semiconductor LVX573 Datasheet HTML 3Page - ON Semiconductor LVX573 Datasheet HTML 4Page - ON Semiconductor LVX573 Datasheet HTML 5Page - ON Semiconductor LVX573 Datasheet HTML 6Page - ON Semiconductor LVX573 Datasheet HTML 7Page - ON Semiconductor LVX573 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74LVX573
http://onsemi.com
7
PACKAGE DIMENSIONS
SOEIAJ−20
M SUFFIX
CASE 967−01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
12.35
12.80
0.486
0.504
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
0.81
−−−
0.032
A1
HE
Q1
LE
_ 10_
0
_ 10_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS AND ARE
MEASURED AT THE PARTING LINE. MOLD FLASH
OR PROTRUSIONS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
HE
A1
LE
Q1
_
c
A
Z
D
E
20
110
11
b
M
0.13 (0.005)
e
0.10 (0.004)
VIEW P
DETAIL P
M
L
A
b
c
D
E
e
L
M
Z


Similar Part No. - LVX573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LVX126 ONSEMI-LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
LVX138 ONSEMI-LVX138 Datasheet
105Kb / 8P
   3-to-8 Line Decoder With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
LVX139 ONSEMI-LVX139 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
LVX157 ONSEMI-LVX157 Datasheet
91Kb / 6P
   Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 2
LVX259 ONSEMI-LVX259 Datasheet
108Kb / 10P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2005 ??Rev. 2
More results

Similar Description - LVX573

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com