Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX373DTR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LVX373DTR2
Description  Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX373DTR2 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LVX373DTR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX373DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74LVX373
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−20
DW SUFFIX
CASE 751D−05
ISSUE G
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__
TSSOP−20
DT SUFFIX
CASE 948E−02
ISSUE B
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
_
___
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER
SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER
SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN
FOR REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
−−−
−−−
S
U
0.15 (0.006) T


Similar Part No. - MC74LVX373DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373DTR2G ONSEMI-MC74LVX373DTR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 4
More results

Similar Description - MC74LVX373DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX573 ONSEMI-MC74LVX573 Datasheet
102Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
logo
STMicroelectronics
74LCX373 STMICROELECTRONICS-74LCX373 Datasheet
225Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
September 2001
74LCX573 STMICROELECTRONICS-74LCX573_04 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX573 STMICROELECTRONICS-74LCX573 Datasheet
227Kb / 10P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX373 STMICROELECTRONICS-74LCX373_04 Datasheet
276Kb / 13P
   OCTAL D-TYPE LATCH NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com