Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT240APWRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVT240APWRE4
Description  3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT240APWRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVT240APWRE4 Datasheet HTML 1Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 2Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVT240APWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74LVT240A
3.3V ABT OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS134K − SEPTEMBER 1992 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
2.7 V
0 V
1.5 V
1.5 V
2.7 V
0 V
2.7 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVT240APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT240APWRE4 TI-SN74LVT240APWRE4 Datasheet
453Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL SUFFER/DRIBVER WITH 3-STATE OUTPUTS
SN74LVT240APWRE4 TI-SN74LVT240APWRE4 Datasheet
483Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT240APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT240A TI-SN74LVT240A_08 Datasheet
483Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_07 Datasheet
760Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH244A-EP TI1-SN74LVTH244A-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B_101 TI-SN74LVT244B_101 Datasheet
780Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A_07 Datasheet
943Kb / 21P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240 TI-SN74LVTH240_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH241-EP TI1-SN74LVTH241-EP Datasheet
432Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B Datasheet
304Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUUFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com