Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ34063AP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AZ34063AP
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ34063AP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AZ34063AP Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 9Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 10Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 11Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 12Page - List of Unclassifed Manufacturers AZ34063AP Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Preliminary Datasheet
11
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
SOIC-8
Unit: mm(inch)
0
8
1
5
R0.150(0.006)
1.000(0.039)
0.330(0.013)
0.510(0.020)
4.800(0.189)
5.000(0.197)
1.350(0.053)
1.750(0.069)
0.100(0.004)
0.300(0.012)
0.900(0.035)
0.800(0.031)
0.200(0.008)
3.800(0.150)
4.000(0.157)
7
7
20:1
D
1.270(0.050)
TYP
0.190(0.007)
0.250(0.010)
8
D
5.800(0.228)
6.200(0.244)
0.675(0.027)
0.725(0.029)
0.320(0.013)
8


Similar Part No. - AZ34063AP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063AP BCDSEMI-AZ34063AP Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063AP-E1 BCDSEMI-AZ34063AP-E1 Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results

Similar Description - AZ34063AP

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com