Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78R09CTU Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA78R09CTU
Description  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R09CTU Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA78R09CTU Datasheet HTML 2Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 3Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 4Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 5Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 9Page - Fairchild Semiconductor KA78R09CTU Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
KA78RXXC-SERIES
6
Typical Performance Characteristics
KA78R05C
Figure 1. Output Voltage vs. Input Voltage
Figure 3. Output Voltage vs. Disable Voltage
Figure 5. Quiescent Current vs. Temperature(Tj)
Figure 2. Quiescent Current vs. Input Voltage
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 6. Dropout Voltage vs. Junction Temperature
510
15
Input voltage Vin (V)
6
5
4
3
2
1
7
0
0
RL=
RL=5
7
6
5
4
3
0
0
3
Disable voltage Vdis (V)
0.5
1.5
2
1
12
2.5
10
8
6
4
2
0
Junction temperature Tj(oC)
75
125
025
50
100
-25
0
5
10
15
20
0
20
40
60
80
RL=
Input voltage Vin(V)
5.04
5.02
5.00
5.06
-25
TEMPERATURE Tj(oC )
75
125
025
50
100
4.96
4.94
4.92
4.98
-25
0
25
50
75
100
125
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
1.0A
Junction Temp Tj [℃
℃]


Similar Part No. - KA78R09CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78R09CTU FAIRCHILD-KA78R09CTU Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

Similar Description - KA78R09CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com