Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD60-12S15T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HDD60-12S15T
Description  DC-DC CONVERTER 50~60W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HDD60-12S15T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HDD60-12S15T Datasheet HTML 1Page - List of Unclassifed Manufacturers HDD60-12S15T Datasheet HTML 2Page - List of Unclassifed Manufacturers HDD60-12S15T Datasheet HTML 3Page - List of Unclassifed Manufacturers HDD60-12S15T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTER
HDD60 SERIES
50 ~ 60W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
HDD60 – 12 S 05 X
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
HDD60 – 12S05-X
9~18 VDC
60 WATTS
+ 5 VDC
12000 mA
79%
HH
HDD60 – 12S12-X
9~18 VDC
60 WATTS
+ 12 VDC
5000 mA
82%
HH
HDD60 – 12S15-X
9~18 VDC
60 WATTS
+ 15 VDC
4000 mA
82%
HH
HDD60 – 12S24-X
9~18 VDC
60 WATTS
+ 24 VDC
2500 mA
84%
HH
HDD60 – 24S05-X
18~36 VDC
60 WATTS
+ 5 VDC
12000 mA
80%
HH
HDD60 – 24S12-X
18~36 VDC
60 WATTS
+ 12 VDC
5000 mA
84%
HH
HDD60 – 24S15-X
18~36 VDC
60 WATTS
+ 15 VDC
4000 mA
84%
HH
HDD60 – 24S24-X
18~36 VDC
60 WATTS
+ 24 VDC
2500 mA
85%
HH
HDD60 – 48S05-X
36~72 VDC
60 WATTS
+ 5 VDC
12000 mA
83%
HH
HDD60 – 48S12-X
36~72 VDC
60 WATTS
+ 12 VDC
5000 mA
85%
HH
HDD60 – 48S15-X
36~72 VDC
60 WATTS
+ 15 VDC
4000 mA
85%
HH
HDD60 – 48S24-X
36~72 VDC
60 WATTS
+ 24 VDC
2500 mA
86%
HH
12 : 9~18V IN
24 : 18~36V IN
48
:36~72V IN
S : SINGLE OUTPUT
D : DOUBLE OUTPUT
T : TRIPLE OUTPUT
WATTAGE
05: 5V OUT
12: 12V OUT
15: 15V OUT
24: 24V OUT
512: 5V/12V OUT


Similar Part No. - HDD60-12S15T

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RW-13A HANBIT-HDD64M72D18RW-13A Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RW-13B HANBIT-HDD64M72D18RW-13B Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RWP-10A HANBIT-HDD64M72D18RWP-10A Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
More results

Similar Description - HDD60-12S15T

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com