Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5Y5672TG-20 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M5M5Y5672TG-20
Description  18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M5Y5672TG-20 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M5M5Y5672TG-20 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M5Y5672TG-20 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MITSUBISHI LSIs
M5M5Y5672TG – 25,22,20
18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
1
MITSUBISHI
ELECTRIC
Advanced Information
M5M5Y5672TG REV.0.1
DESCRIPTION
The M5M5Y5672TG is a family of 18M bit synchronous SRAMs
organized as 262144-words by 72-bit. It is designed to eliminate
dead bus cycles when turning the bus around between reads
and writes, or writes and reads. Mitsubishi's SRAMs are
fabricated with high performance, low power CMOS technology,
providing greater reliability. M5M5Y5672TG operates on a single
1.8V power supply and are 1.8V CMOS compatible.
FEATURES
• Fully registered inputs and outputs for pipelined operation
• Fast clock speed: 250, 225, and 200 MHz
• Fast access time: 2.6, 2.8, 3.2 ns
• Single 1.8V +150/-100mV power supply VDD
• Separate VDDQ for 1.8V I/O
• Individual byte write (BWa# - BWh#) controls may be tied
LOW
• Single Read/Write control pin (W#)
• Echo Clock outputs track data output drivers
• ZQ mode pin for user-selectable output drive strength
• 2 User programmable chip enable inputs for easy depth
expansion
• Linear or Interleaved Burst Modes
• JTAG boundary scan support
APPLICATION
High-end networking products that require high bandwidth, such
as switches and routers.
FUNCTION
Synchronous circuitry allows for precise cycle control triggered
by a positive edge clock transition.
Synchronous signals include : all Addresses, all Data Inputs,
all Chip Enables (E1#, E2, E3), Address Advance/Load (ADV),
Byte Write Enables (BWa#, BWb#, BWc#, BWd#, BWe#, BWf#,
BWg#, BWh#), Echo Clock outputs (CQ1, CQ1#, CQ2, CQ2#)
and Read/Write (W#). Write operations are controlled by the
eight Byte Write Enables (BWa# - BWh#) and Read/Write(W#)
inputs. All writes are conducted with on-chip synchronous
self-timed write circuitry.
The Echo Clocks are delayed copies of the RAM clock, CLK.
Echo Clocks are designed to track changes in output driver
delays due to variance in die temperature and supply voltage.
The ZQ pin supplied with selectable impedance drivers, allows
selection between nominal drive strength (ZQ LOW) for
multi-drop bus application and low drive strength (ZQ floating or
HIGH) point-to-point applications.
The sense of two User-Programmable Chip Enable inputs (E2,
E3), whether they function as active LOW or active HIGH inputs,
is determined by the state of the programming inputs, EP2 and
EP3.
The Linear Burst order (LBO#) is DC operated pin. LBO# pin
will allow the choice of either an interleaved burst, or a linear
burst.
All read, write and deselect cycles are initiated by the ADV
Low input. Subsequent burst address can be internally
generated as controlled by the ADV HIGH input.
PACKAGE
PART NAME TABLE
Bump
Body Size
Bump Pitch
M5M5Y5672TG
209(11X19) bump BGA
14mm X 22mm
1mm
Part Name
Frequency
Access
Cycle
Active Current
(max.)
Standby Current
(max.)
M5M5Y5672TG -25
250MHz
2.6ns
4.0ns
550mA
20mA
M5M5Y5672TG -22
225MHz
2.8ns
4.4ns
500mA
20mA
M5M5Y5672TG -20
200MHz
3.2ns
5.0ns
450mA
20mA
2001.May
Rev.0.1
Advanced Information
Notice: This is not final specification.
Some parametric limits are subject to change.


Similar Part No. - M5M5Y5672TG-20

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5Y5672TG-20 MITSUBISHI-M5M5Y5672TG-20 Datasheet
246Kb / 27P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5Y5672TG-20 RENESAS-M5M5Y5672TG-20 Datasheet
463Kb / 30P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
More results

Similar Description - M5M5Y5672TG-20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M5T5672TG RENESAS-M5M5T5672TG Datasheet
380Kb / 24P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
M5M5T5672TG RENESAS-M5M5T5672TG_15 Datasheet
543Kb / 26P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
M5M5T5672TG-25 RENESAS-M5M5T5672TG-25 Datasheet
589Kb / 26P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5672TG-25 MITSUBISHI-M5M5Y5672TG-25 Datasheet
246Kb / 27P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5Y5672TG-25 RENESAS-M5M5Y5672TG-25 Datasheet
463Kb / 30P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
M5M5T5672TG RENESAS-M5M5T5672TG_15 Datasheet
407Kb / 26P
   18874368-BIT(262144-WORD BY 72-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5Y5636TG-25 MITSUBISHI-M5M5Y5636TG-25 Datasheet
242Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5T5636UG RENESAS-M5M5T5636UG_15 Datasheet
542Kb / 27P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Mitsubishi Electric Sem...
M5M5V5636GP16 MITSUBISHI-M5M5V5636GP16 Datasheet
262Kb / 17P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
logo
Renesas Technology Corp
M5M5Y5636TG-25 RENESAS-M5M5Y5636TG-25 Datasheet
462Kb / 30P
   18874368-BIT(524288-WORD BY 36-BIT) NETWORK SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com