Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSQC4Y11C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MSQC4Y11C
Description  0.4 Inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MSQC4Y11C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MSQC4Y11C Datasheet HTML 1Page - Fairchild Semiconductor MSQC4Y11C Datasheet HTML 2Page - Fairchild Semiconductor MSQC4Y11C Datasheet HTML 3Page - Fairchild Semiconductor MSQC4Y11C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0.4 Inch (10.2mm) 4 Digit
CLOCK STICK DISPLAY
GRAPHICAL DATA AlInGaP 630nm (T
A = 25
oC, unless otherwise specified)
Relative Intensity vs Case Temp.
Spectral Response
Forward Current vs Forward
Voltage
Maximum Forward Current vs
Ambient Temperature
Luminous Intensity vs Duty Cycle
Maximum Peak Current vs Duty
Cycle


Similar Part No. - MSQC4Y11C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4111C FAIRCHILD-MSQC4111C Datasheet
375Kb / 7P
   0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4411C FAIRCHILD-MSQC4411C Datasheet
375Kb / 7P
   0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MSQC4911C FAIRCHILD-MSQC4911C Datasheet
375Kb / 7P
   0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
More results

Similar Description - MSQC4Y11C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSQC4111C FAIRCHILD-MSQC4111C Datasheet
375Kb / 7P
   0.4 inch (10.2mm) 4 Digit CLOCK STICK DISPLAY
MST4111C FAIRCHILD-MST4111C Datasheet
280Kb / 7P
   0.4 INCH (10.2MM) THREE DIGIT STICK DISPLAY
MSD4110C FAIRCHILD-MSD4110C Datasheet
272Kb / 7P
   0.4 INCH (10.1MM) TWO DIGIT STICK DISPLAY
logo
SunLED Corporation
DMR10A3-A SUNLED-DMR10A3-A Datasheet
191Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUR10C3-A SUNLED-DUR10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3 SUNLED-DUY10A3 Datasheet
192Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10C3-A SUNLED-DUG10C3-A Datasheet
193Kb / 4P
   10.2mm (0.4) THREE DIGIT NUMERIC DISPLAY
DUY10C3-A SUNLED-DUY10C3-A Datasheet
195Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUY10A3-A SUNLED-DUY10A3-A Datasheet
194Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
DUG10A3 SUNLED-DUG10A3 Datasheet
190Kb / 4P
   10.2mm (0.4?? THREE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com