Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX573DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX573DT
Description  Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573DT Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX573DT Datasheet HTML 1Page - ON Semiconductor MC74LVX573DT Datasheet HTML 2Page - ON Semiconductor MC74LVX573DT Datasheet HTML 3Page - ON Semiconductor MC74LVX573DT Datasheet HTML 4Page - ON Semiconductor MC74LVX573DT Datasheet HTML 5Page - ON Semiconductor MC74LVX573DT Datasheet HTML 6Page - ON Semiconductor MC74LVX573DT Datasheet HTML 7Page - ON Semiconductor MC74LVX573DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LVX573
http://onsemi.com
5
VCC
GND
D
O
50%
50% VCC
tPLH
tPHL
VCC
GND
50%
LE
tPLH
tPHL
O
tw
50% VCC
Figure 3.
Figure 4.
50%
50% VCC
50% VCC
O
tPZL
tPLZ
tPZH
tPHZ
VOL +0.3 V
VOL −0.3 V
VCC
GND
HIGH
IMPEDANCE
HIGH
IMPEDANCE
O
OE
50%
D
LE
VCC
VCC
GND
GND
VALID
th
tsu
50%
Figure 5.
Figure 6.
SWITCHING WAVEFORMS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
TEST CIRCUITS
Figure 7. Propagation Delay Test Circuit
Figure 8. 3−State Test Circuit


Similar Part No. - MC74LVX573DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX573DT MOTOROLA-MC74LVX573DT Datasheet
168Kb / 7P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX573DTG ONSEMI-MC74LVX573DTG Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
MC74LVX573DTR2G ONSEMI-MC74LVX573DTR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX573DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com