Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVX573DTR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LVX573DTR2
Description  Octal D-Type Latch with 3-State Outputs With 5 V?뭈olerant Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX573DTR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LVX573DTR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX573DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LVX573
http://onsemi.com
2
Figure 2. Logic Diagram
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
nLE
Q
D
LE
OE
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
11
1
Table 1. PIN NAMES
Pins
Function
OE
LE
D0−D7
O0−O7
Output Enable Input
Latch Enable Input
Data Inputs
3−State Latch Outputs
INPUTS
OUTPUTS
OE
LE
Dn
On
OPERATING MODE
L
L
H
H
H
L
H
L
Transparent (Latch
Disabled); Read Latch
L
L
L
L
h
l
H
L
Latched (Latch Enabled)
Read Latch
L
L
X
NC
Hold; Read Latch
H
L
X
Z
Hold; Disabled Outputs
H
H
H
H
H
L
Z
Z
Transparent (Latch
Disabled); Disabled Outputs
H
H
L
L
h
l
Z
Z
Latched (Latch Enabled);
Disabled Outputs
H = High Voltage Level; h = High Voltage Level One Setup Time
Prior to the Latch Enable High−to−Low Transition; L = Low
Voltage Level; l = Low Voltage Level One Setup Time Prior to the
Latch Enable High−to−Low Transition; NC = No Change, State
Prior to the Latch Enable High−to−Low Transition; X = High or
Low Voltage Level or Transitions are Acceptable; Z = High
Impedance State; For ICC Reasons DO NOT FLOAT Inputs.
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to +7.0
V
Vin
DC Input Voltage
–0.5 to +7.0
V
Vout
DC Output Voltage
–0.5 to VCC +0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±75
mA
PD
Power Dissipation
180
mW
Tstg
Storage Temperature
–65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Similar Part No. - MC74LVX573DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX573DTR2G ONSEMI-MC74LVX573DTR2G Datasheet
117Kb / 7P
   Octal D-Type Latch with 3-State Outputs
August, 2014 ??Rev. 5
More results

Similar Description - MC74LVX573DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX373 ONSEMI-MC74LVX373 Datasheet
101Kb / 8P
   Octal D-Type Latch with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
   Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374 Datasheet
101Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
   Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com