Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LVXT4066 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74LVXT4066
Description  Quad Analog Switch/Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4066 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74LVXT4066 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 9Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 10Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 11Page - ON Semiconductor MC74LVXT4066 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC74LVXT4066
http://onsemi.com
10
MARKING DIAGRAMS
(Top View)
14–LEAD SOIC
D SUFFIX
CASE 751A
14–LEAD TSSOP
DT SUFFIX
CASE 948G
13
14
12
11
10
9
8
2
1
345
67
13
14
12
11
10
9
8
2
1
3
45
67
LVXT4066
LVXT
AWLYWW*
4066
ALYW*
*See Applications Note #AND8004/D for date code and traceability information.
PACKAGE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
8.55
3.80
1.35
0.35
0.40
0.19
0.10
0
°
5.80
0.25
8.75
4.00
1.75
0.49
1.25
0.25
0.25
7
°
6.20
0.50
0.337
0.150
0.054
0.014
0.016
0.008
0.004
0
°
0.228
0.010
0.344
0.157
0.068
0.019
0.049
0.009
0.009
7
°
0.244
0.019
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
P 7 PL
G
C
K
SEATING
PLANE
D 14 PL
M
J
R X 45
°
1
7
8
14
0.25 (0.010)
T
B
A
M
S
S
B
0.25 (0.010) M
M
F


Similar Part No. - MC74LVXT4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74LVXT4066DR2 ONSEMI-MC74LVXT4066DR2 Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
MC74LVXT4066DR2G ONSEMI-MC74LVXT4066DR2G Datasheet
172Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 2
More results

Similar Description - MC74LVXT4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com