Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP650C-74 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP650C-74
Description  SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP650C-74 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP650C-74 Datasheet HTML 1Page - Fairchild Semiconductor QTLP650C-74 Datasheet HTML 2Page - Fairchild Semiconductor QTLP650C-74 Datasheet HTML 3Page - Fairchild Semiconductor QTLP650C-74 Datasheet HTML 4Page - Fairchild Semiconductor QTLP650C-74 Datasheet HTML 5Page - Fairchild Semiconductor QTLP650C-74 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12/11/03
QTLP650C-23 HER/Yellow
QTLP650C-24 HER/Green
QTLP650C-34 Yellow/Green
QTLP650C-74 AlGaAs Red/Green
SURFACE MOUNT LED LAMP
STANDARD BRIGHT 1210
Page 2 of 6
© 2002 Fairchild Semiconductor Corporation
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
QTLP650C
Units
-23
-24
-34
-74
Continuous Forward Current
IF
30 / 30
30 / 30
30 / 30
30 / 30
mA
Peak Forward Current
(f = 1.0 KHz, Duty Factor = 1/10)
IFM
160 / 160
160 / 160
160 / 160
180 / 160
mA
Reverse Voltage
VR
5555
V
Power Dissipation
PD
84 / 84
84 / 84
84 / 84
72 / 84
mW
Operating Temperature
TOPR
-40 to +85
°C
Storage Temperature
TSTG
-40 to +90
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Parameter
Symbol
QTLP650C
Units
-23
-24
-34
-74
Luminous Intensity (mcd)
Minimum
IV
2.5 / 4.0
2.5 / 4.0
4.0 / 4.0
9.0 / 4.0
IF = 20mA
Typical
4.0 / 6.5
4.0 / 6.5
6.5 / 6.5
15 / 6.5
Forward Voltage (V)
Maximum
VF
2.8 / 2.8
2.8 / 2.8
2.8 / 2.8
2.4 / 2.8
IF = 20mA
Typical
2.0 / 2.0
2.0 / 2.0
2.0 / 2.0
1.9 / 2.0
Wavelength (nm)
Peak
lP
635 / 585
635 / 565
585 / 565
660 / 565
IF = 20mA
Dominant
lD
630 / 590
630 / 570
590 / 570
645 / 570
Spectral Line Half Width (nm)
Dl
45 / 35
45 / 30
35 / 30
20 / 30
IF = 20mA
Viewing Angle (°)
2U1/2
140
140
140
140
IF = 20mA


Similar Part No. - QTLP650C-74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C-74 FAIRCHILD-QTLP650C-74 Datasheet
88Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
More results

Similar Description - QTLP650C-74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C24TR FAIRCHILD-QTLP650C24TR Datasheet
88Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1210
QTLP650C-RY FAIRCHILD-QTLP650C-RY Datasheet
161Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT 1210
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP630C FAIRCHILD-QTLP630C Datasheet
111Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0805
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP600C-23 FAIRCHILD-QTLP600C-23 Datasheet
184Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP680C FAIRCHILD-QTLP680C Datasheet
435Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT REFLECTOR
QTLP600C FAIRCHILD-QTLP600C Datasheet
173Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 0606
QTLP630C4TR FAIRCHILD-QTLP630C4TR Datasheet
94Kb / 6P
   Surface Mount LED Lamp, Standard Bright 0805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com