Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTLP673C-O Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # QTLP673C-O
Description  SURFACE MOUNT LED LAMP POWER PLCC-4
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP673C-O Datasheet(HTML) 4 Page - Fairchild Semiconductor

  QTLP673C-O Datasheet HTML 1Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 2Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 3Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 4Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 5Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 6Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 7Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 8Page - Fairchild Semiconductor QTLP673C-O Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
8/21/03
Page 4 of 9
QTLP673C-O Yellow-Orange
QTLP673C-Y Yellow
QTLP673C-E Orange
QTLP673C-R Red
QTLP673C-IB Blue
QTLP673C-IC Cyan
QTLP673C-IG True Green
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C
TYPICAL PERFORMANCE CURVES QTLP673C-O/-R/-Y/-E
1.4
1.2
1
0.8
0.6
0.4
0.2
0
010
20
30
40
50
60
70
80
FORWARD CURRENT (mA)
Fig. 2 Relative Luminuous Intensity
vs. Forward Current
AMBIENT TEMPERATURE TA (
°C)
REL. LUMINOUS INTENSITY (%)
Fig. 5 Maximum Forward Current
vs. Ambient Temperature
Fig. 4 Radiation Diagram
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0.0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
500
550
600
YO
E
R
650
700
750
800
WAVELENGTH (nm)
50
60
70
80
40
30
20
10
0
010
20
304050
60708090
100
-80
°
80
°
-70
°
70
°
-60
°
60
°
-50
°
50
°
-40
°
40
°
-30
°
30
°
-20
°
20
°
-10
°
10
°
0
°
1.0
0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
-90
°
90
°
Fig. 1 Forward Current (mA)
vs. Forward Voltage
80
90
100
70
60
50
40
30
20
10
0
1.4
1.6
1.8
2.0
2.2
2.4
FORWARD VOLTAGE (V)


Similar Part No. - QTLP673C-O

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C FAIRCHILD-QTLP670C Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
logo
Everlight Electronics C...
QTLP670C EVERLIGHT-QTLP670C Datasheet
135Kb / 3P
   PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP670C-23 FAIRCHILD-QTLP670C-23 Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
More results

Similar Description - QTLP673C-O

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C FAIRCHILD-QTLP670C Datasheet
159Kb / 6P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
   SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
logo
Everlight Electronics C...
QTLP670C EVERLIGHT-QTLP670C Datasheet
135Kb / 3P
   PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com